Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMH/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5010AMH/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMH/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5010AMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IOR(max) =
80 PH x 154 kHz x 60V
5V x (60V - 5V)
= 372 mAp-p
IOR(max) =
L1min x FS(min) x VIN(max)
VOUT x (VIN(max) - VOUT)
L1 =
0.40A x 154 kHz x 60V
5V x (60V - 5V)
= 74.4 PH
L1 =
IOR x FS(min) x VIN(max)
VOUT x (VIN(max) - VOUT)
0 mA
IOR
1/Fs
IPK+
IO
IPK-
16
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Figure 12. Inductor Current
To keep the circuit in continuous conduction mode, the maximum allowed ripple current is twice the minimum
load current, or 400 mAp-p. Using this value of ripple current, the inductor (L1) is calculated using Equation 12
and Equation 13.
where
•
FS(min) is the minimum frequency of 154 kHz (205 kHz - 25%) at VIN(max)
(12)
(13)
Equation 13 provides the minimum value for inductor L1. When selecting an inductor, use a higher standard
value (100 uH). To prevent saturation, and possible destructive current levels, L1 must be rated for the peak
current which occurs if the current limit and maximum ripple current are reached simultaneously (IPK in Figure 9).
The maximum ripple amplitude is calculated by rearranging Equation 12 using VIN(max), FS(min), and the minimum
inductor value, based on the manufacturer’s tolerance. Assume for Equation 14, Equation 15, and Equation 16
that the inductor’s tolerance is ±20%.
(14)
(15)
IPK = ILIM + IOR(max) = 1.5 A + 0.372 A = 1.872 A
where
•
ILIM is the maximum current limit threshold
(16)
At the nominal maximum load current of 1 A, the peak inductor current is 1.186 A.
8.2.2.1.4
RCL
Since it is obvious that the lower peak of the inductor current waveform does not exceed 1 A at maximum load
current (see Figure 12), it is not necessary to increase the current limit threshold. Therefore RCL is not needed for
this exercise. For applications where the lower peak exceeds 1 A, see Increasing The Current Limit Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com