Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMH/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5010AMH/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMH/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5010AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
'I =
(VIN - VOUT) x tON
L1
tON(min) =
VOUT x 300 ns
(VIN(min) ± VOUT)
12
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
(8)
7.3.6 Soft Start
The soft start feature allows the regulator to gradually reach a steady-state operating point, thereby reducing
start-up stresses and current surges. At turnon, while VCC is below the undervoltage threshold (t1 in Figure 1),
the SS pin is internally grounded, and VOUT is held at 0 V. When VCC exceeds the undervoltage threshold
(UVLO) an internal 11.5-µA current source charges the external capacitor (C6) at the SS pin to 2.5 V (t2 in
Figure 1). The increasing SS voltage at the non-inverting input of the regulation comparator gradually increases
the output voltage from zero to the desired value. The softstart feature keeps the load inductor current from
reaching the current limit threshold during start-up, thereby reducing inrush currents.
An internal switch grounds the SS pin if VCC is below the undervoltage lockout threshold, or if the circuit is
shutdown using the RON/SD pin.
7.3.7 N-Channel Buck Switch and Driver
The LM5010Ax integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current through the buck switch should not exceed 2 A, and the load current should not exceed 1.5 A. The gate
driver circuit is powered by the external bootstrap capacitor between BST and SW (C4), which is recharged each
OFF-time from VCC through the internal high voltage diode. The minimum OFF-time, nominally 260 ns, ensures
sufficient time during each cycle to recharge the bootstrap capacitor. A 0.022-µF ceramic capacitor is
recommended for C4.
7.3.8 Current Limit
Current limit detection occurs during the OFF-time by monitoring the recirculating current through the internal
current sense resistor (RSENSE). The detection threshold is 1.25 A, ±0.25 A. Referring to Functional Block
Diagram, if the current into SGND during the OFF-time exceeds the threshold level the current limit comparator
delays the start of the next ON-time period. The next ON-time starts when the current into SGND is below the
threshold and the voltage at FB is below 2.5 V. Figure 9 illustrates the inductor current waveform during normal
operation and during current limit. The output current IO is the average of the inductor ripple current waveform.
The low load current waveform illustrates continuous conduction mode operation with peak and valley inductor
currents below the current limit threshold. When the load current is increased (high load current), the ripple
waveform maintains the same amplitude and frequency since the current falls below the current limit threshold at
the valley of the ripple waveform. Note the average current in the high load current portion of Figure 9 is above
the current limit threshold. Since the current reduces below the threshold in the normal OFF-time each cycle, the
start of each ON-time is not delayed, and the circuit’s output voltage is regulated at the correct value. When the
load current is further increased such that the lower peak would be above the threshold, the OFF-time is
lengthened to allow the current to decrease to the threshold before the next ON-time begins (Current Limited
portion of Figure 9). Both VOUT and the switching frequency are reduced as the circuit operates in a constant
current mode. The load current (IOCL) is equal to the current limit threshold plus half the ripple current (ΔI/2). The
ripple amplitude (
ΔI) is calculated with Equation 9.
(9)
The current limit threshold can be increased by connecting an external resistor (RCL) between SGND and ISEN.
RCL typically is less than 1 Ω, and the calculation of its value is explained in Application and Implementation. If
the current limit threshold is increased by adding RCL, the maximum continuous load current should not exceed
1.5 A, and the peak current out of the SW pin should not exceed 2 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com