Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMH/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5010AMH/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMH/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5010AMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FS =
VOUT
2 x L1 x 1.4 x 1020
RL x RON
2
DC =
tON
tON + tOFF
VOUT
VIN
= tON x FS =
FS =
VOUT x (VIN ± 1.4V)
1.18 x 10
-10
x (RON + 1.4 k:) x VIN
10
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Feature Description (continued)
The LM5010Ax operates in continuous conduction mode at heavy load currents, and discontinuous conduction
mode at light load currents. In continuous conduction mode current always flows through the inductor, never
decaying to zero during the OFF-time. In this mode the operating frequency remains relatively constant with load
and line variations. The minimum load current for continuous conduction mode is one-half the inductor’s ripple
current amplitude. Calculate the operating frequency in the continuous conduction mode with Equation 2.
(2)
The buck switch duty cycle is equal to Equation 3.
(3)
Under light load conditions, the LM5010Ax operates in discontinuous conduction mode, with zero current flowing
through the inductor for a portion of the OFF-time. The operating frequency is always lower than that of the
continuous conduction mode, and the switching frequency varies with load current. Conversion efficiency is
maintained at a relatively high level at light loads because the switching losses diminish as the power delivered
to the load is reduced. Calculate the discontinuous mode operating frequency with Equation 4.
where
•
RL is the load resistance
(4)
7.3.2 Start-Up Regulator (VCC)
A high voltage bias regulator is integrated within the LM5010Ax. The input pin (VIN) can be connected directly to
line voltages between 6 and 75 V. Referring to the block diagram and the graph of VCC vs VIN, when VIN is
between 6 V and the bypass threshold (nominally 8.9 V), the bypass switch (Q2) is on, and VCC tracks VIN within
100 mV to 150 mV. The bypass switch on-resistance is approximately 50
Ω, with inherent current limiting at
approximately 100 mA. When VIN is above the bypass threshold, Q2 is turned off, and VCC is regulated at 7 V.
The VCC regulator output current is limited at approximately 15 mA. When the LM5010Ax is shutdown using the
RON/SD pin, the VCC bypass switch is shut off, regardless of the voltage at VIN.
When VIN exceeds the bypass threshold, the time required for Q2 to shut off is approximately 2 to 3 µs. The
capacitor at VCC (C3) must be a minimum of 0.47 µF to prevent the voltage at VCC from rising above its
absolute maximum rating in response to a step input applied at VIN. C3 must be located as close as possible to
the LM5010Ax pins.
In applications with a relatively high input voltage, power dissipation in the bias regulator is a concern. An
auxiliary voltage of between 7.5 V and 14 V can be diode connected to the VCC pin (D2 in Figure 8) to shut off
the VCC regulator, reducing internal power dissipation. The current required into the VCC pin is shown in the
Typical Performance Characteristics. Internally a diode connects VCC to VIN requiring that the auxiliary voltage
be less than VIN.
The turn-on sequence is shown in Figure 1. When VCC exceeds the undervoltage lockout threshold (UVLO) of
5.25 V (t1 in Figure 1), the buck switch is enabled, and the SS pin is released to allow the soft-start capacitor
(C6) to charge up. The output voltage VOUT is regulated at a reduced level which increases to the desired value
as the soft-start voltage increases (t2 in Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com