Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMHE/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5010AMHE/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHE/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5010AMHE/NOPB Datasheet HTML 4Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 5Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 6Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 7Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 9Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 10Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 11Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0
6
20
40
60
80
VIN (V)
4.0
3.0
2.0
1.0
0
RON = 50k
301k
511k
115k
0 6
20
40
60
80
VIN (V)
800
700
600
500
400
300
200
100
0
900
1000
FB = 3V
RON/SD = 0V
7
8
9
10
11
12
13
14
0
1
2
3
4
5
6
7
8
9
10
EXTERNALLY APPLIED VCC (V)
FS = 400 kHz
FS = 700 kHz
FS = 80 kHz
VIN = 48V
6
VIN (V)
0
20
40
60
80
0.1
1.0
10
100
RON = 500k
300k
100k
0
3
6
9
12
15
0
1
2
3
4
5
6
7
8
ICC (mA)
VIN = 48V
VIN = 6V
VIN = 8V
VCC Externally Loaded
FS = 400 kHz
VIN = 9V
VCC UVLO
0
1
2
3
4
5
6
7
8
9
10
0
2.0
4.0
6.0
8.0
10
VIN (V)
ICC = 0 mA
8
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C (unless otherwise noted)
Figure 2. VCC vs VIN
Figure 3. VCC vs ICC
Figure 4. ICC vs Externally Applied VCC
Figure 5. ON-Time vs VIN and RON
Figure 6. Voltage at RON/SD Pin
Figure 7. IIN vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com