Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMHE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5010AMHE/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5010AMHE/NOPB Datasheet HTML 1Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 2Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 3Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 4Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 5Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 6Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 7Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
VIN
SW
BST
LM5010A
VCC
SS
RON/SD
6V - 75V
Input
C1
RON
R2
R1
C2
VOUT
L1
C3
C4
D1
C6
RTN
ISEN
SGND
FB
SHUTDOWN
R3
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5010A, LM5010A-Q1
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
1
1 Features
1
•
LM5010A-Q1 Qualified for Automotive
Applications
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device Temperature Grade 0: –40°C to 150°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C5
•
Wide 6-V to 75-V Input Voltage Range
•
Valley Current Limit at 1.25 A
•
Programmable Switching Frequency Up To 1 MHz
•
Integrated 80-V N-Channel Buck Switch
•
Integrated High Voltage Bias Regulator
•
No Loop Compensation Required
•
Ultra-Fast Transient Response
•
Nearly Constant Operating Frequency With Line
and Load Variations
•
Adjustable Output Voltage
•
2.5-V, ±2% Feedback Reference
•
Programmable Soft-Start
•
Thermal Shutdown
•
Exposed Thermal Pad for Improved Heat
Dissipation
2 Applications
•
Non-Isolated Telecommunications Regulators
•
Secondary Side Post Regulators
•
Automotive Electronics
3 Description
The LM5010Ax step-down switching regulator is an
enhanced version of the LM5010 with the input
operating range extended to 6-V minimum. The
LM5010Ax features all the functions needed to
implement
a
low-cost,
efficient,
buck
regulator
capable of supplying in excess of 1-A load current.
This high-voltage regulator integrates an N-Channel
Buck Switch, and is available in thermally enhanced
10-pin WSON and 14-pin HTSSOP packages. The
constant ON-time regulation scheme requires no loop
compensation
resulting
in
fast
load
transient
response and simplified circuit implementation. The
operating frequency remains constant with line and
load
variations
due
to
the
inverse
relationship
between the input voltage and the ON-time. The
valley current limit detection is set at 1.25 A.
Additional
features
include:
VCC
undervoltage
lockout, thermal shutdown, gate drive undervoltage
lockout, and maximum duty cycle limiter.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5010Ax
WSON (10)
4.00 mm × 4.00 mm
HTSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Basic Step-Down Regulator


Similar Part No. - LM5010AMHE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010AMHE/NOPB TI-LM5010AMHE/NOPB Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010AMHE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com