Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5010AMHE/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5010AMHE/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHE/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5010AMHE/NOPB Datasheet HTML 5Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 6Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 7Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 9Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 10Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 11Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 12Page - Texas Instruments LM5010AMHE/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
FB
SW
RTN
DRIVER
BST
SS
LM5010A
7V BIAS
REGULATOR
+
-
SGND
ISEN
C6
GND
LEVEL
SHIFT
LOGIC
Driver
Gate Drive
UVLO
START
260 ns
OFF TIMER
OVER-VOLTAGE
COMPARATOR
GND
BYPASS
SWITCH
Shutdown
Input
THERMAL
SHUTDOWN
ON TIMER
COMPLETE
START
C5
C1
RON
Input
6V-75V
C3
C4
L1
D1
C2
R2
R1
R3
RSENSE
50 m:
CURRENT LIMIT
COMPARATOR
REGULATION
COMPARATOR
2.9V
VIN
Q1
RCL
(optional)
VOUT
62.5 mV
11.5 PA
2.5V
Q2
SD
RON
COMPLETE
VCC
UVL
VIN SENSE
VCC
VIN
RON/SD
0.7V
Copyright © 2016, Texas Instruments Incorporated
9
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM5010Ax step-down switching regulator features all the functions needed to implement a low-cost, efficient,
buck bias power converter. This high-voltage regulator contains a 75-V N-channel buck switch, is easy to
implement, and is provided in HTSSOP-14 and thermally-enhanced, WSON-10 packages. The regulator is based
on a control scheme using an ON-time inversely proportional to VIN. The control scheme requires no loop
compensation. The functional block diagram of the LM5010Ax is shown in the Functional Block Diagram.
The LM5010Ax can be applied in numerous applications to efficiently regulate down higher voltages. This
regulator is well-suited for 48-V telecom and 42-V automotive power bus ranges. Additional features include:
thermal shutdown, VCC undervoltage lockout, gate drive undervoltage lockout, maximum duty cycle limit timer,
and the valley current limit functionality.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Control Circuit Overview
The LM5010Ax employs a control scheme based on a comparator and a one-shot ON timer, with the output
voltage feedback (FB) compared to an internal reference (2.5 V). If the FB voltage is below the reference the
buck switch is turned on for a time period determined by the input voltage and a programming resistor (RON).
Following the ON-time the switch remains off for a fixed 260 ns OFF-time, or until the FB voltage falls below the
reference, whichever is longer. The buck switch then turns on for another ON-time period. Referring to the Block
Diagram, the output voltage is set by R1 and R2. The regulated output voltage is calculated with Equation 1.
VOUT = 2.5 V × (R1 + R2) / R2
(1)
The LM5010Ax requires a minimum of 25 mV of ripple voltage at the FB pin for stable fixed-frequency operation.
If the output capacitor’s ESR is insufficient, additional series resistance may be required (R3 in the Block
Diagram).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com