Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6152BCM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM6152BCM/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152BCM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM6152BCM/NOPB Datasheet HTML 1Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 2Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 3Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 4Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 5Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 6Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 7Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 8Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM6152, LM6154
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
6.7
2.7 V DC Electrical Characteristics.......................... 7
1
Features .................................................................. 1
6.8
2.7 V AC Electrical Characteristics .......................... 7
2
Applications ........................................................... 1
6.9
24 V DC Electrical Characteristics........................... 8
3
Description ............................................................. 1
6.10
24 V AC Electrical Characteristics ......................... 8
4
Revision History..................................................... 2
6.11
Typical Performance Characteristics ...................... 9
5
Pin Configuration and Functions ......................... 3
7
Application and Implementation ........................ 14
6
Specifications......................................................... 4
8
Device and Documentation Support.................. 16
6.1
Absolute Maximum Ratings ...................................... 4
8.1
Related Links .......................................................... 16
6.2
Handling Ratings....................................................... 4
8.2
Trademarks ............................................................. 16
6.3
Recommended Operating Conditions(1) ................... 4
8.3
Electrostatic Discharge Caution .............................. 16
6.4
Thermal Information .................................................. 4
8.4
Glossary .................................................................. 16
6.5
5.0 V DC Electrical Characteristics.......................... 5
9
Mechanical, Packaging, and Orderable
6.6
5.0 V AC Electrical Characteristics .......................... 6
Information ........................................................... 16
4 Revision History
Changes from Revision D (March 2013) to Revision E
Page
•
Changed "Junction Temperature Range" to "Operating Temperature Range" and deleted "TJ" in Recommended
Operating Conditions ............................................................................................................................................................. 4
•
Deleted TJ = 25°C for Electrical Characteristics Tables ......................................................................................................... 5
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 15
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com