Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6152BCM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM6152BCM/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152BCM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM6152BCM/NOPB Datasheet HTML 1Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 2Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 3Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 4Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 5Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 6Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 7Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 8Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM6152, LM6154
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Differential Input Voltage
±15
V
(V+) + 0.3
Voltage at Input/Output Pin
V
(V−)
−0.3
Supply Voltage (V+
− V−)
35
V
Current at Input Pin
±10
mA
Current at Output Pin (3)
±25
mA
Current at Power Supply Pin
50
mA
Lead Temperature (soldering, 10 sec)
260
°C
Junction Temperature (4)
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(4)
The maximum power dissipation is a function of TJ(MAX) , RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)–T A)/RθJA. All numbers apply for packages soldered directly into a PC board.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2500
V(ESD)
Electrostatic discharge
V
pins(1)
(1)
JEDEC document JEP155 states that 2500-V HBM allows safe manufacturing with a standard ESD control process. Human body model
is 1.5 k
Ω in series with 100 pF
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage
2.7
≤ V+ ≤ 24
V
Operating Temperature Range, LM6152,LM6154
0
+70
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
6.4 Thermal Information
D08A
D14A
THERMAL METRIC(1)
UNIT
8 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
193°C/W
126°C/W
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com