Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6152BCM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM6152BCM/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152BCM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM6152BCM/NOPB Datasheet HTML 1Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 2Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 3Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 4Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 5Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 6Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 7Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 8Page - Texas Instruments LM6152BCM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM6152, LM6154
www.ti.com
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
5 Pin Configuration and Functions
Package D08A
Package D14A
8-Pin
14-Pin
Top View
Top View
Pin Functions
PIN
LM6152
LM6154
I/O
DESCRIPTION
NAME
D08A
D14A
-IN A
2
2
I
ChA Inverting Input
+IN A
3
3
I
ChA Non-inverting Input
-IN B
6
6
I
ChB Inverting Input
+IN B
5
5
I
ChB Non-inverting Input
-IN C
9
I
ChC Inverting Input
+IN C
10
I
ChC Non-inverting Input
-IN D
13
I
ChD Inverting Input
+IN D
12
I
ChD Non-inverting Input
OUT A
1
1
O
ChA Output
OUT B
7
7
O
ChB Output
OUT C
8
O
ChC Output
OUT D
14
O
ChD Output
V-
4
11
I
Negative Supply
V+
8
4
I
Positive Supply
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com