Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49200TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM49200TL/NOPB
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM49200TL/NOPB Datasheet HTML 9Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 10Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 11Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 12Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 13Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 14Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 15Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 16Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
POWER SUPPLY VOLTAGE (V)
6
0
4
0
2
1
3
50
40
60
5
30
THD+N = 10%
THD+N = 1%
20
10
POWER SUPPLY VOLTAGE (V)
6
0
4
0
2
1
3
1500
1000
2000
5
500
THD+N = 10%
THD+N = 1%
POWER SUPPLY VOLTAGE (V)
3
0
4
6
3
6
0
1
2
1
2
4
5
5
EP_MODE = 0
EP_MODE = 1
-50
-30
FREQUENCY (Hz)
1k
20
-10
10k
50
2k
-20
0
-40
-60
-70
5k
-100
-90
-80
20k
200
100
500
POWER SUPPLY VOLTAGE (V)
3
0
4
6
3
6
0
1
2
1
2
4
5
5
EP_MODE = 0
EP_MODE = 1
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
For all performance graphs, the Output Gains are set to 0dB, unless otherwise noted.
Crosstalk vs Frequency
Supply Current vs Supply Voltage
VDD = 5.0V, VIN = 1VP-P, RL = 32Ω
No Load, Mode 3
Mode 8, 80kHz BW
(2 plots, output gain amps on/off)
Figure 27.
Figure 28.
Supply Current vs Supply Voltage
Output Power vs Supply Voltage
No Load, Mode 12
f = 1kHz, RL = 8Ω BTL
(2 plots, output gain amps on/off)
Mode 2, 80kHz BW
Figure 29.
Figure 30.
Output Power vs Supply Voltage
f = 1kHz, RL = 32Ω SE
Mode 8, 80kHz BW
Figure 31.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com