Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49200TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM49200TL/NOPB
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM49200TL/NOPB Datasheet HTML 10Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 11Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 12Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 13Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 14Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 15Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 16Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SDA
SCL
S
P
START condition
STO
P condition
LM49200, LM49200TLEVAL
SNAS459A – MAY 2009 – REVISED APRIL 2013
www.ti.com
APPLICATION INFORMATION
I
2C COMPATIBLE INTERFACE
The LM49200 is controlled through an I2C compatible serial interface that consists of a serial data line (SDA) and
a serial clock (SCL). The clock line is uni-directional. The data line is bi-directional (open drain). The LM49200
and the master can communicate at clock rates up to 400kHz. Figure 32 shows the I2C interface timing diagram.
Data on the SDA line must be stable during the HIGH period of SCL. The LM49200 is a transmit/receive slave-
only device, reliant upon the master to generate the SCL signal. Each transmission sequence is framed by a
START condition and a STOP condition (Figure 33). Each data word, device address and data, transmitted over
the bus is 8 bits long and is always followed by an acknowledge pulse (Figure 34). The LM49200 device address
is 11111000.
I
2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM49200's I2C interface is powered up through the I2CVDD pin. The LM49200's I
2C interface operates at a
voltage level set by the I2CVDD pin which can be set independent to that of the main power supply pin VDD. This
is ideal whenever logic levels for the I2C interface are dictated by a microcontroller or microprocessor that is
operating at a lower supply voltage than the main battery of a portable system
I
2C BUS FORMAT
The I2C bus format is shown in Figure 34. The START signal, the transition of SDA from HIGH to LOW while
SCL is HIGH, is generated, alerting all devices on the bus that a device address is being written to the bus.
The 7-bit device address is written to the bus, most significant bit (MSB) first, followed by the R/W bit. R/W = 0
indicates the master is writing to the slave device, R/W = 1 indicates the master wants to read data from the
slave device. Set R/W = 0; the LM49200 is a WRITE-ONLY device and will not respond to the R/W = 1. The data
is latched in on the rising edge of the clock. Each address bit must be stable while SCL is HIGH. After the last
address bit is transmitted, the master device releases SDA, during which time, an acknowledge clock pulse is
generated by the slave device. If the LM49200 receives the correct address, the device pulls the SDA line low,
generating an acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit register data word is sent. Each data bit should be stable
while SCL is HIGH. After the 8-bit register data word is sent, the LM49200 sends another ACK bit. Following the
acknowledgement of the register data word, the master issues a STOP bit, allowing SDA to go high while SCL is
high.
Figure 32. I2C Timing Diagram
Figure 33. Start and Stop Diagram
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com