Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49200TL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM49200TL/NOPB
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49200TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 18Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 19Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 20Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 21Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 22Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 23Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 24Page - Texas Instruments LM49200TL/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Demo Board Circuit
Figure 35. Demo Board Circuit
Demonstration Board
The demonstration board (see Figure 35) has connection and jumper options to be powered from the USB bus,
from external power supplies or a combination of both. Additional options are to power I2CVDD and VDD from a
single power supply or separate power supplies, as long as the voltage limits for each power supply are not
exceeded. See the Operating Ratings for each supply's limit range. When powered from the USB bus the I2CVDD
will be set to 3.3V and the VDD will be set to 5V. Jumper headers J13 and J12 must be set accordingly. If a single
power supply for I2CVDD and VDD is desired then header J5 should be used with a jumper added to header J11 to
connect I2CVDD to the external supply voltage connected to J5.
Connection headers J1 and J2 are provided along with the stereo headphone jack J4 for easily connection and
monitoring of the headphone outputs.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com