Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7221AIM/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC7221AIM/NOPB.B
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7221AIM/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LMC7221AIM/NOPB.B Datasheet HTML 1Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 2Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 3Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LMC7221
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
5.0V and 15.0V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5.0V and 15V, V− = 0V, V
CM = VO = V
+/2. Boldface limits
apply at the temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
ISC
Short Circuit Current
Sinking (4)
45
mA
(4)
Limiting input pin current is only necessary for input voltages which exceed the absolute maximum input voltage rating.
Leakage Characteristics
TJ = 25°C
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
ILEAKAGE
Output Leakage Current
V+ = 2.7V
VIN(+) = 0.5V
0.1
500
500
nA
VIN(−) = 0V
VOUT = 15V
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extreme.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
trise
Rise Time
f = 10 kHz, CL = 50 pF,
(3)
0.3
μs
Overdrive = 10 mV, 5 k
Ω Pullup
tfall
Fall Time
f = 10 kHz, CL = 50 pF,
(3)
0.3
μs
Overdrive = 10 mV, 5 k
Ω Pullup
tPHL
Propagation Delay
f = 10 kHz, CL = 50 pF,
10 mV
10
μs
(High to Low) (4)
5 k
Ω Pullup (3)
100 mV
4
V+ = 2.7V, f = 10 kHz,
10 mV
10
μs
CL = 50 pF, 5 kΩ Pullup
(3)
100 mV
4
tPLH
Propagation Delay
f = 10 kHz, CL = 50 pF,
10 mV
6
μs
(Low to High) (4)
5 k
Ω Pullup (3)
100 mV
4
V+ = 2.7V, f = 10 kHz,
10 mV
7
μs
CL = 50 pF, 5 kΩ Pullup
(3)
100 mV
4
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
(3)
Do not short circuit the output to V+ when V+ is greater than 12V or reliability will be adversely affected.
(4)
Input offset voltage average drift is calculated by dividing the accelerated operating life VOS drift by the equivalent operational time. This
represents worst case input conditions and includes the first 30 days of drift.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com