Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7221AIM/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC7221AIM/NOPB.B
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7221AIM/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LMC7221AIM/NOPB.B Datasheet HTML 1Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 2Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 3Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Check for Samples: LMC7221
1
FEATURES
DESCRIPTION
The LM7221 is a micropower CMOS comparator
2
•
Tiny 5-Pin SOT-23 package saves space
available in the space saving 5-Pin SOT-23 package.
•
Package is less than 1.43 mm thick
This makes this comparator ideal for space and
•
Ensured specs at 2.7V, 5V, 15V supplies
weight
critical
designs.
The
LMC7221
is
also
available in the 8-Pin SOIC package. The LMC7221
•
Typical supply current 7
μA at 5V
is supplied in two offset voltage grades, 5 mV and 15
•
Response time of 4
μs at 5V
mV.
•
LMC7221—open drain output
The open drain output can be pulled up with a
•
Input common-mode range beyond V− and V+
resistor to a voltage which can be higher or lower
•
Low input current
than the supply voltage—this makes the part useful
for mixed voltage systems.
APPLICATIONS
For a tiny comparator with a push-pull output, please
•
Mixed voltage battery powered products
see the LMC7211 datasheet.
•
Notebooks and PDAs
•
PCMCIA cards
•
Mobile communications
•
Alarm and security circuits
•
Driving low current LEDs
•
Direct sensor interface
Connection Diagram
8-Pin SOIC - Top View
5-Pin SOT-23 - Top View
Figure 1. See Package Number D0008A
Figure 2. See Package Number DBV0005A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7221AIM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221AIM/NOPB TI1-LMC7221AIM/NOPB Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221AIM/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com