Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC7221AIM/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC7221AIM/NOPB.B
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7221AIM/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LMC7221AIM/NOPB.B Datasheet HTML 1Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 2Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 3Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC7221AIM/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
Typical Performance Characteristics
Supply Current
Supply Current
vs.
vs.
Supply Voltage
Temperature while Sinking
Figure 3.
Figure 4.
Output Sinking Current
Output Sinking Current
vs.
vs.
Supply Voltage
Output Voltage @ 5V
Figure 5.
Figure 6.
Output Sinking Current
vs.
Output Voltage @ 15V
Response Time for Various Input Overdrives
−tPHL
Figure 7.
Figure 8.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC7221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com