Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR1 Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AR0130CS
www.onsemi.com
16
Figure 14. Exit Standby Timing
E X T C L K
S T AN DB Y
F V
T R IG G E R
10 E X T C L K s
1ms
28 rows + CIT
S DAT A
Register Writes Not Valid
Register Writes Valid
Hard Standby
Hard Standby puts the sensor in lower power state;
previously written register settings are still maintained.
A specific sequence needs to be followed to enter and exit
from Hard Standby.
To Enter Hard Standby:
1. R0x301A[8] = 1
2. R0x301A[12] = 1 if serial mode was used
3. Assert STANDBY pin
4. External clock can be turned off to further
minimize power consumption (Optional)
To Exit Hard Standby:
1. Enable external clock if it was turned off
2. De−assert STANDBY pin
3. Set R0x301A[8] = 0
Window Control
Registers x_addr_start, x_addr_end, y_addr_start, and
y_addr_end control the size and starting coordinates of the
image window.
The exact window height and width out of the sensor is
determined by the difference between the Y address start and
end registers or the X address start and end registers,
respectively.
The AR0130 allows different window sizes for context A
and context B.
Blanking Control
Horizontal blank and vertical blank times are controlled
by the line_length_pck and frame_length_lines registers,
respectively.
• Horizontal blanking is specified in terms of pixel
clocks. It is calculated by subtracting the X window
size from the line_length_pck register. The minimum
horizontal blanking is 110 pixel clocks.
• Vertical blanking is specified in terms of numbers of
lines. It is calculated by subtracting the Y window size
from the frame_length_lines register. The minimum
vertical blanking is 26 lines.
The actual imager timing can be calculated using Table 4
and Table 5, which describe the Line Timing and FV/LV
signals.
Readout Modes
Digital Binning
By default, the resolution of the output image is the full
width and height of the FOV as defined above. The output
resolution can be reduced by digital binning. For RGB and
monochrome mode, this is set by the register R0x3032. For
Context A, use bits [1:0], for Context B, use bits [5:4].
Available settings are:
00 = No binning
01 = Horizontal binning
10 = Horizontal and vertical binning
Binning gives the advantage of reducing noise at the cost
of reduced resolution. When both horizontal and vertical
binning are used, a 2x improvement in SNR is achieved
therefore improving low light performance
Bayer Space Resampling
All of the pixels in the FOV contribute to the output image
in digital binning mode. This can result in a more pleasing
output image with reduced subsampling artifacts. It also
improves low−light performance. For RGB mode,
resampling can be enabled by setting of register
0x306E[4] = 1.
Mirror
Column Mirror Image
By setting R0x3040[14] = 1, the readout order of the
columns is reversed, as shown in Figure 15. The starting
color, and therefore the Bayer pattern, is preserved when
mirroring the columns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com