Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 19 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR1 Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AR0130CS
www.onsemi.com
19
Figure 17. Frame Format with Embedded Data Lines Enabled
Image
Register Data
Status & Statistics Data
HBlank
VBlank
Embedded Data
The embedded data contains the configuration of the
image being displayed. This includes all register settings
used to capture the current frame. The registers embedded
in these rows are as follows:
Line 1:
Registers R0x3000 to R0x312F
Line 2:
Registers R0x3136 to R0x31BF, R0x31D0 to R0x31FF
NOTE: All undefined registers will have a value of 0.
In parallel mode, since the pixel word depth is
12−bits/pixel, the sensor 16−bit register data will be
transferred over 2 pixels where the register data will be
broken up into 8 MSB and 8 LSB. The alignment of the 8−bit
data will be on the 8 MSB bits of the 12−bit pixel word. For
example, of a register value of 0x1234 is to be transmitted,
it will be transmitted over 2, 12−bit pixels as follows: 0x120,
0x340.
The first pixel of each line in the embedded data is a tag
value of 0x0A0. This signifies that all subsequent data is 8
bit data aligned to the MSB of the 12−bit pixel.
The figure below summarizes how the embedded data
transmission looks like. It should be noted that data, as
shown in Figure 18, is aligned to the MSB of each word:
Figure 18. Format of Embedded Data Output within a Frame
{register_
value_LSB}
8’h5A
Data line 1
Data line 2
8’h5A
8’hAA
{register_
address_MSB}
8’hA5
{register_
address_LSB}
8’h5A
{register_
value_MSB}
8’h5A
{register_
value_LSB}
data_format_
code =8’h0A
8’hAA
{register_
address_MSB}
8’hA5
{register_
address_LSB}
8’h5A
{register_
value_MSB}
8’h5A
data_format_
code =8’h0A
The data embedded in these rows are as follows:
• 0x0A0 − identifier
• 0xAA0
• Register Address MSB of the first register
• 0xA50
• Register Address LSB of the first register
• 0x5A0
• Register Value MSB of the first register addressed
• 0x5A0
• Register Value LSB of the first register addressed
• 0x5A0
• Register Value MSB of the register at first address + 2
• 0x5A0
• Register Value LSB of the register at first address + 2
• 0x5A0
• etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com