Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0130CSSC00SPBA0-DR1 Datasheet(PDF) 27 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR1
Description  1/3‐inch CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR1 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR1 Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 28Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 29Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 30Page - ON Semiconductor AR0130CSSC00SPBA0-DR1 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AR0130CS
www.onsemi.com
27
ELECTRICAL SPECIFICATIONS
Unless otherwise stated, the following specifications
apply to the following conditions:
VDD = 1.8 V –0.10/+0.15;
VDD_IO = VDD_PLL = VAA = VAA_PIX = 2.8 V ±0.3 V;
VDD_SLVS = 0.4 V –0.1/+0.2;
TA = −30°C to +70°C;
Output Load = 10 pF;
Frequency = 74.25 MHz.
Two-Wire Serial Register Interface
The electrical characteristics of the two-wire serial
register interface (SCLK, SDATA) are shown in Figure 28 and
Table 8.
Figure 28. Two-Wire Serial Bus Timing Parameters
SDATA
SCLK
S
Sr
P
S
tf
tr
tf
tr
tSU;DAT
tHD;STA
tSU;STO
tSU;STA
tBUF
tHD;DAT
tHIGH
tLOW
tHD;STA
NOTE: Read sequence: For an 8-bit READ, read waveforms start after READ command and register address are issued.
Table 8. TWO-WIRE SERIAL BUS CHARACTERISTICS
(fEXTCLK = 27 MHz; VDD = 1.8 V; VDD_IO = 2.8 V; VAA = 2.8 V; VAA_PIX = 2.8 V; VDD_PLL = 2.8 V; TA = 25°C)
Parameter
Symbol
Standard Mode
Fast-Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
kHz
After This Period, the First Clock
Pulse is Generated
tHD;STA
4.0
−
0.6
−
ms
LOW Period of the SCLK Clock
tLOW
4.7
−
1.3
−
ms
HIGH Period of the SCLK Clock
tHIGH
4.0
−
0.6
−
ms
Set-up Time for a Repeated
START Condition
tSU;STA
4.7
−
0.6
−
ms
Data Hold Time
tHD;DAT
0 (Note 4)
3.45 (Note 5)
0 (Note 6)
0.9 (Note 5)
ms
Data Set-up Time
tSU;DAT
250
−
100 (Note 6)
−
ns
Rise Time of both SDATA and
SCLK Signals
tr
−
1000
20 + 0.1Cb
(Note 7)
300
ns
Fall Time of both SDATA and SCLK
Signals
tf
−
300
20 + 0.1Cb
(Note 7)
300
ns
Set-up Time for STOP Condition
tSU;STO
4.0
−
0.6
−
ms
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD_IO and VILmax = 0.1 VDD_IO levels. Sensor EXTCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of
SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
6. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tSU;DAT 250 ns must then be met. This
will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW
period of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Stan-
dard-mode I2C-bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com