Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AM Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2262AM
Description  Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2262AM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2262AM Datasheet HTML 17Page - Texas Instruments TLV2262AM Datasheet HTML 18Page - Texas Instruments TLV2262AM Datasheet HTML 19Page - Texas Instruments TLV2262AM Datasheet HTML 20Page - Texas Instruments TLV2262AM Datasheet HTML 21Page - Texas Instruments TLV2262AM Datasheet HTML 22Page - Texas Instruments TLV2262AM Datasheet HTML 23Page - Texas Instruments TLV2262AM Datasheet HTML 24Page - Texas Instruments TLV2262AM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
0.1
1
f− Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
10
100
1000
102
103
104
105
VDD = 3 V
TA = 25°C
A V = 100
A V = 10
A V = 1
0.1
1
f− Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
10
100
1000
102
103
104
105
VDD = 5 V
TA = 25°C
A V = 100
A V = 10
A V = 1
80
78
74
72
70
88
76
84
82
86
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
90
− 50 − 25
0
25
50
75
100
TA − Free-Air Temperature − °C
125
− 75
VDD = 5 V
VDD = 3 V
80
40
20
0
100
60
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
101
102
103
104
105
106
VDD = 5 V
VIC = 2.5 V
VDD = 5 V
VIC = 1.5 V
TA = 25°C
TLV2262A-Q1, TLV2264A-Q1
www.ti.com ........................................................................................................................................................................................... SGLS193 – DECEMBER 2008
Figure 30.
Figure 31.
Figure 32.
Figure 33.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com