Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AM Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV2262AM
Description  Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2262AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2262AM Datasheet HTML 9Page - Texas Instruments TLV2262AM Datasheet HTML 10Page - Texas Instruments TLV2262AM Datasheet HTML 11Page - Texas Instruments TLV2262AM Datasheet HTML 12Page - Texas Instruments TLV2262AM Datasheet HTML 13Page - Texas Instruments TLV2262AM Datasheet HTML 14Page - Texas Instruments TLV2262AM Datasheet HTML 15Page - Texas Instruments TLV2262AM Datasheet HTML 16Page - Texas Instruments TLV2262AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TYPICAL CHARACTERISTICS
TLV2262A-Q1, TLV2264A-Q1
www.ti.com ........................................................................................................................................................................................... SGLS193 – DECEMBER 2008
For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are
referenced to 1.5 V. Data at high and low temperatures are applicable only within the rated operating free-air
temperature ranges of the various devices.
Table of Graphs
FIGURE
Distribution
2–5
VIO
Input offset voltage
vs Common–mode voltage
6, 7
α
VIO
Input offset voltage temperature coefficient
Distribution
8–11
IIB/IIO
Input bias and input offset currents
vs Free–air temperature
12
vs Supply voltage
13
VI
Input voltage
vs Free–air temperature
14
VOH
High-level output voltage
vs High-level output current
15, 18
VOL
Low-level output voltage
vs Low-level output current
16, 17, 19
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
20
vs Supply voltage
21
IOS
Short-circuit output current
vs Free-air temperature
22
VID
Differential input voltage
vs Output voltage
23, 24
AVD
Differential voltage amplification
vs Load resistance
25
vs Frequency
26, 27
AVD
Large-signal differential voltage amplification
vs Free-air temperature
28, 29
zo
Output impedance
vs Frequency
30, 31
vs Frequency
32
CMRR
Common-mode rejection ratio
vs Free-air temperature
33
vs Frequency
34, 35
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
36, 37
IDD
Supply current
vs Free-air temperature
38, 39
vs Load capacitance
40
SR
Slew rate
vs Free-air temperature
41
VO
Inverting large-signal pulse response
42, 43
VO
Voltage-follower large-signal pulse response
44, 45
VO
Inverting small-signal pulse response
46, 47
VO
Voltage-follower small-signal pulse response
48, 49
Vn
Equivalent input noise voltage
vs Frequency
50, 51
Input noise voltage
Over a 10-second period
52
Integrated noise voltage
vs Frequency
53
THD+N
Total harmonic distortion plus noise
vs Frequency
54
vs Supply voltage
55
Gain-bandwidth product
vs Free-air temperature
56
vs Frequency
26, 27
φ
m
Phase margin
vs Load capacitance
57
Gm
Gain margin
vs Load capacitance
58
B1
Unity-gain bandwidth
vs Load capacitance
59
Overestimation of phase margin
vs Load capacitance
60
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV2262A-Q1 TLV2264A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com