Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AM Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2262AM
Description  Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2262AM Datasheet(HTML) 1 Page - Texas Instruments

  TLV2262AM Datasheet HTML 1Page - Texas Instruments TLV2262AM Datasheet HTML 2Page - Texas Instruments TLV2262AM Datasheet HTML 3Page - Texas Instruments TLV2262AM Datasheet HTML 4Page - Texas Instruments TLV2262AM Datasheet HTML 5Page - Texas Instruments TLV2262AM Datasheet HTML 6Page - Texas Instruments TLV2262AM Datasheet HTML 7Page - Texas Instruments TLV2262AM Datasheet HTML 8Page - Texas Instruments TLV2262AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
FEATURES
TLV2262A
PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN -
1IN +
VDD - /GND
VDD +
2OUT
2IN -
2IN +
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN
1IN +
VDD +
2IN +
2IN -
2OUT
4OUT
4IN
4IN +
VDD - / GND
3IN +
3IN -
3OUT
TLV2264A
PW PACKAGE
(TOP VIEW)
DESCRIPTION
TLV2262A-Q1, TLV2264A-Q1
www.ti.com ........................................................................................................................................................................................... SGLS193 – DECEMBER 2008
Advanced LinCMOS™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
23
• Qualified for Automotive Applications
• Output Swing Includes Both Supply Rails
• Low Noise . . . 12 nV/√Hz Typ at f = 1 kHz
• Low Input Bias Current . . . 1 pA Typ
• Fully Specified for Both Single-Supply and
Split-Supply Operation
• Low Power . . . 500 µA Max
• Common-Mode Input Voltage Range Includes
Negative Rail
• Low Input Offset Voltage . . .
950
µV Max at T
A = 25°C
• Wide Supply Voltage Range . . . 2.7 V to 8 V
• Macromodel Included
The TLV2262 and TLV2264 are dual and quad low voltage operational amplifiers from Texas Instruments. Both
devices exhibit rail-to-rail output performance for increased dynamic range in single or split supply applications.
The TLV226x family offers a compromise between the micropower TLV225x and the ac performance of the
TLC227x. It has low supply current for battery-powered applications, while still having adequate ac performance
for applications that demand it. This family is fully characterized at 3 V and 5 V and is optimized for low-voltage
applications. The noise performance has been dramatically improved over previous generations of CMOS
amplifiers. Figure 1 depicts the low level of noise voltage for this CMOS amplifier, which has only 200
µA (typ) of
supply current per amplifier.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Advanced LinCMOS is a trademark of Texas Instruments.
3
Parts, PSpice are trademarks of MicroSim Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2262AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2262AM TI1-TLV2262AM Datasheet
2Mb / 64P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262AM TI1-TLV2262AM Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262AMFK TI-TLV2262AMFK Datasheet
817Kb / 51P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2262AMFK STMICROELECTRONICS-TLV2262AMFK Datasheet
1Mb / 55P
ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
06-Dec-2006
logo
Texas Instruments
TLV2262AMFK TI-TLV2262AMFK Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2262AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com