Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL40220LDF1 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 14Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 15Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 17Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 18Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 19Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 20Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 21Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Absolute Maximum Ratings*
Parameter
Sym.
Min.
Max.
Units
1
Supply voltage
VDD_R
-0.5
4.6
V
2
Voltage on any digital pin
VPIN
-0.5
VDD
V
3
Soldering temperature
T
260
°C
4
Storage temperature
TST
-55
125
°C
5
Junction temperature
Tj
125
°C
6
Voltage on input pin
Vinput
VDD
V
7
Input capacitance each pin
Cp
500
fF
ZL40220
Data Sheet
18
Microsemi Corporation
4.0
AC and DC Electrical Characteristics
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
* Voltages are with respect to ground (GND) unless otherwise stated
Recommended Operating Conditions*
Characteristics
Sym.
Min.
Typ.
Max.
Units
1
Supply voltage 2.5 V mode
VDD25
2.375
2.5
2.625
V
2
Supply voltage 3.3 V mode
VDD33
3.135
3.3
3.465
V
3
Operating temperature
TA
-40
25
85
°C
* Voltages are with respect to ground (GND) unless otherwise stated
DC Electrical Characteristics - Current Consumption
Characteristics
Sym.
Min.
Typ.
Max.
Units
Notes
1
Supply current LVDS drivers - loaded
(all outputs are active)
Idd_load
95
mA
DC Electrical Characteristics - Inputs and Outputs - for 2.5/3.3 V Supply
Characteristics
Sym.
Min.
Typ.
Max.
Units
Notes
1
CMOS control logic high-level input
VCIH
0.7*VDD
V
2
CMOS control logic low-level input
VCIL
0.3*VDD
V
3
CMOS control logic Input leakage
current
IIL
1
µA
VI = VDD or 0 V
4
Differential input voltage
VID
0.25
1
V
5
Differential input common mode
voltage
VICM
1.1
1.6
V
for 2.5 V
6
Differential input common mode
voltage
VICM
1.1
2.0
V
for 3.3 V
7
LVDS output differential voltage*
VOD
0.25
0.30
0.40
V
8
LVDS output common mode
VCM
1.1
1.25
1.375
V
* The VOD parameter was measured from 125 MHz to 750 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com