Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL40220LDF1 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 15Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 17Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 18Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 19Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 20Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 21Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 22Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
outx_p
outx_n
VOD
outx_p – outx_n
GND
VICM
0
2*VOD
clk_p – clk_n
0
2*VID
clk_p
clk_n
VID
GND
VCM
AC Electrical Characteristics* - Inputs and Outputs (see Figure 21) - for 2.5/3.3 V supply.
Characteristics
Sym.
Min.
Typ.
Max.
Units
Notes
1
Maximum Operating Frequency
1/tp
750
MHz
2
Input to output clock propagation delay
tpd
0
1
2
ns
3
Output to output skew
tout2out
80
150
ps
4
Part to part output skew
tpart2part
120
300
ps
5
Output clock Duty Cycle degradation
tPWH/ tPWL
-5
0
5
Percent
6
LVDS Output slew rate
rSL
0.55
V/ns
7
Reference transition time
tswitch
2
3
us
ZL40220
Data Sheet
19
Microsemi Corporation
Figure 20 - Differential Voltage Parameter
* Supply voltage and operating temperature are as per Recommended Operating Conditions
Input
tP
tPWL
tpd
tPWH
Output
Figure 21 - Input To Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com