Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFS7705H Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # TFS7705H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7705H Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button TFS7705H Datasheet HTML 27Page - Power Integrations, Inc. TFS7705H Datasheet HTML 28Page - Power Integrations, Inc. TFS7705H Datasheet HTML 29Page - Power Integrations, Inc. TFS7705H Datasheet HTML 30Page - Power Integrations, Inc. TFS7705H Datasheet HTML 31Page - Power Integrations, Inc. TFS7705H Datasheet HTML 32Page - Power Integrations, Inc. TFS7705H Datasheet HTML 33Page - Power Integrations, Inc. TFS7705H Datasheet HTML 34Page - Power Integrations, Inc. TFS7705H Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Rev. B 04/15
31
TFS7701-7708
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
High-Side Main MOSFET (cont.)
Breakdown Voltage
BV
DSS(HD)
T
J = 25 °C
530
530
OFF-State Drain
Current Leakage
I
DSS(HD)
TFS7701
V
D = 424 V,
T
J = 100 °C
60
mA
TFS7702
60
TFS7703
60
TFS7704
60
TFS7705
80
TFS7706
80
TFS7707
110
TFS7708
110
Turn-On Voltage
Rise Time
t
R(HD)
30
ns
Turn-Off Voltage
Fall Time
t
F(HD)
25
ns
High-Side Bias
Shunt Voltage
V
DDH(SHUNT)
I
DDH = 5 mA
See Note A
12.2
V
High-Side Undervoltage
ON-Threshold
V
DDH(UVON)
See Note A
11.5
V
High-Side Undervoltage
OFF-Threshold
V
DDH(UVOFF)
See Note A
10.3
V
High-Side Shunt
Hysteresis Voltage
V
DDH(HYST)
See Note A
1.1
V
Standby MOSFET
ON-State
Resistance
R
DS(ON)(DS)
I
DSB = 10% ILIM(4)(DSB)
T
J = 25 °C
8.5
9.7
W
T
J = 100 °C
12.8
14.6
OFF-State Drain
Leakage Current
I
DSS1(DS)
V
BP = 6.2 V
V
EN = 0 V
V
DS = 560 V
T
J = 100 °C
200
mA
I
DSS2(DS)
V
BP = 6.2 V
V
EN = 0 V
V
DS = 375 V,
T
J = 50 °C
15
Breakdown Voltage
BV
DSS(DS)
V
BP = 6.2 V, VEN = 0 V,
T
J = 25 °C
725
V
DRAIN Supply Voltage
V
DSB(START)
50
V
Standby Controller
Output Frequency
in Standard Mode
f
S(SB)
T
J = 25 °C
Average
124
132
140
kHz
Peak-to-Peak Jitter
8
Maximum Duty Cycle
DC
MAX(DSB)
I
L = 40 mA
66
69
72
%
ENABLE Pin
Upper Turnoff
Threshold Current
I
DIS
-150
-105
-80
mA
ENABLE Pin Voltage
V
EN
I
EN = -25 mA
2.7
3.6
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com