Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFS7705H Datasheet(PDF) 35 Page - Power Integrations, Inc.

Part # TFS7705H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7705H Datasheet(HTML) 35 Page - Power Integrations, Inc.

Back Button TFS7705H Datasheet HTML 31Page - Power Integrations, Inc. TFS7705H Datasheet HTML 32Page - Power Integrations, Inc. TFS7705H Datasheet HTML 33Page - Power Integrations, Inc. TFS7705H Datasheet HTML 34Page - Power Integrations, Inc. TFS7705H Datasheet HTML 35Page - Power Integrations, Inc. TFS7705H Datasheet HTML 36Page - Power Integrations, Inc. TFS7705H Datasheet HTML 37Page - Power Integrations, Inc. TFS7705H Datasheet HTML 38Page - Power Integrations, Inc. TFS7705H Datasheet HTML 39Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Rev. B 04/15
35
TFS7701-7708
www.power.com
Typical Performance Characteristics (cont.)
Figure 39. LINE-SENSE (L) Pin Voltage vs. Current.
Figure 40. RESET (R) Pin Voltage vs. Current.
Figure 41. FEEDBACK (FB) Pin Current vs. Voltage.
Figure 42. ENABLE (EN) Pin Current vs. Voltage.
Figure 43. BYPASS (BP) Pin Current vs. Voltage.
Figure 38. Standby Supply. Undervoltage Threshold vs.
Junction Temperature.
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
4
3
2
1
0
0
20 40 60
80 100 120 140 160
LINE-SENSE Pin Current (
µA)
5
4
2
3
1
0
0
50
100
150
200
250
RESET Pin Current (
µA)
1
0
-3
-2
-1
-4
-5
0
1
2
3
4
5
6
7
FEEDBACK Pin Voltage (V)
150
100
-50
0
50
-100
-150
0
1
2
3
4
5
6
7
ENABLE Pin Voltage (V)
25
20
10
15
5
0
0
2
4
6
8
BYPASS Pin Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com