Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFS7705H Datasheet(PDF) 36 Page - Power Integrations, Inc.

Part # TFS7705H
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS7705H Datasheet(HTML) 36 Page - Power Integrations, Inc.

Back Button TFS7705H Datasheet HTML 32Page - Power Integrations, Inc. TFS7705H Datasheet HTML 33Page - Power Integrations, Inc. TFS7705H Datasheet HTML 34Page - Power Integrations, Inc. TFS7705H Datasheet HTML 35Page - Power Integrations, Inc. TFS7705H Datasheet HTML 36Page - Power Integrations, Inc. TFS7705H Datasheet HTML 37Page - Power Integrations, Inc. TFS7705H Datasheet HTML 38Page - Power Integrations, Inc. TFS7705H Datasheet HTML 39Page - Power Integrations, Inc. TFS7705H Datasheet HTML 40Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Rev. B 04/15
36
TFS7701-7708
www.power.com
Typical Performance Characteristics (cont.)
Figure 44. VDDH Pin Current vs. Voltage.
Figure 46. Duty Cycle vs. Temperature (I
L = 115 mA, IR = 170 mA)
Figure 48. Drain Supply. Output Characteristics.
Figure 45. Duty Cycle vs. Temperature (I
L = 100 mA, IR = 110 mA).
Figure 47. Standby Supply. Output Characteristics.
Figure 49. Standby Drain Capacitance vs. Drain Voltage.
0
0
2
4
6
8 10 12 14 16 18 20
STANDBY DRAIN Voltage (V)
0.5
0.75
0.25
T
CASE = 25 °C
T
CASE = 100 °C
1
1.25
5
0
0
2
4
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
2
1
T
CASE = 25 °C
T
CASE = 100 °C
4
3
TFS7701 0.34
TFS7702 0.56
TFS7703 0.76
TFS7704 0.96
TFS7705 1.16
TFS7706 1.37
TFS7707 1.57
TFS7708 1.77
Scaling Factors:
0
100
200
300
400
500
600
0
10
100
1000
STANDBY DRAIN (DBS) Pin Voltage (V)
50
40
20
30
10
0
0
4
8
12
16
VDDH Voltage (V)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com