Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-40LCD-1/2-5-C. Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DMS-40LCD-1/2-5-C.
Description  4½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-40LCD-1/2-5-C. Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DMS-40LCD-1/2-5-C. Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.murata-ps.com/support
DMS-40LCD Series
4½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS40LCD.D01 Page 4 of 6
APPLICATIONS
2. Differential Input Configurations: Differential measurements can be
made with either 5V-powered or 9V-powered meters. Figure 3, though
not a practical real-world application, uses a voltage divider to demon-
strate the concept of a differential input signal. Be careful not to exceed
the ±2V common mode voltage limitation for 5V-powered meters.
4. Floating Signal Source Measurements: Floating signals can be
measured using the circuits shown in Figures 5 and 6. Figure 5 uses
a 5V-powered meter. Figure 6 uses a 9V-powered meter. Both figures
show a DMS-40LCD-0/1 with pin 2 tied to pin 1 yielding a ±2V input
range. Connecting pin 10 (ANALOG COMMON) to (–) INPUT LO (pin
12) provides the reference point for the meter’s input.
A “floating” input is a signal that has no galvanic connection to the
meter’s power supply. In the figures below, the 1.5V battery illustrates a
true floating input.
Figure 5. Floating Input Measurements
(5V-Powered Models)
Figure 6. Floating Input Measurements
(9V-Powered Models)
Figure 3. Differential Input Configuration
(5V-Powered Models)
3. Engineering Scaling: For measuring voltages greater than the full
scale input range of a given meter, the input signal must be attenuated.
A simple voltage divider (similar to that shown in Figure 4) will scale
the input to within the range of the selected meter. R1 and R2 should
be precision, ±1%, metal film resistors with absolute TCR’s less than
50ppm/°C. See Ap Note 4 for more information on engineering scaling.
50k
Ω < R1 + R2 < 10MΩ
R2
R1 + R2
x VIN = Reading
Figure 4. Input Attenuation Circuit
–
R2
11
12
3
(+) IN HI
(–) IN LO
5V RET
VIN
R1
DMS-40LCD-0/1-5
1
3
+ BAT
9V
–BAT
6
BATTERY
DP1
2
12
RANGE
10
(–) IN LO
ANA COMM
11
(+) IN HI
CELL
1.5V
+
–
+
–
DMS-40LCD-0/1-9
1
12
3
+5V SUP
(–) IN LO
5V RET
120 VAC
11
(+) IN HI
6
DP1
AC to DC Converter
R2
R1
R3
1k
1k
1k
2
RANGE
DMS-40LCD-0/1-5
1
3
5V RET
+5V SUP
6
DP1
120 VAC
AC to DC Converter
2
12
RANGE
10
(–) IN LO
ANA COMM
11
(+) IN HI
CELL
1.5V
+
–
DMS-40LCD-0/1-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com