Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-40LCD-1/2-5-C. Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DMS-40LCD-1/2-5-C.
Description  4½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-40LCD-1/2-5-C. Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  DMS-40LCD-1/2-5-C. Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2015 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
DMS-40LCD Series
4½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS40LCD.D01 Page 6 of 6
MECHANICAL SPECIFICATIONS
MECHANICAL DIMENSIONS: Inches (mm)
TOLERANCES: 2 PL DEC ±0.02 (±0.51)
3 PL DEC ±0.010 (±0.254)
LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL
RECOMMENDED PC BOARD FINISHED HOLE DIAMETER:
0.042 ±0.003 (1.067 ±0.076)
BEZEL INSTALLATION AND RECOMMENDED DRILL AND PANEL CUTOUT
BEZEL INSTALLATION
PANEL
BEZEL
#2-56 INSERT
FRONT VIEW
0.156 (3.96) DEEP
1.270
(32.26)
0.187
(4.75)
2.35 (59.69)
2.118 (53.80)
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
0.093 (2.362) DIAMETER (4 REQUIRED)
ONLY WHEN USING OPTIONAL BEZEL ASSEMBLY
INTERNAL CORNER RADII:
1.07
0.032 (0.81) MAX.
(27.18)
0.878
(22.30)
0.096
(2.44)
0.116
(2.95)
2.55 (64.77)
PANEL CUTOUT
RETAINING CLIP INSTALLATION
PANEL
FRONT VIEW
+5V SUPPLY/ +BATTERY
RANGE SELECT
DP3
5V RETURN/ –BATTERY
DP2
DP1
1
2
3
4
5
6
(–) INPUT LO
(+) INPUT HI
ANALOG COMMON
DP4
HOLD/BACKLIGHT
12
11
10
9
8
7 REFERENCE IN/OUT
DP1
DP2
DP3
DP4
2.17
(55.1)
2.09
(53.1)
1.80
(45.7)
0.15
(3.7)
0.25 (6.4) TYP.
TYP.
0.10
(2.5)
TYP.
0.040
(1.02)
0.17
(4.3)
TYP.
0.50
(12.7)
0.84
(21.3)
0.92
PIN #1
(23.4)
IDENTIFIER
0.430 (10.92) STANDARD
0.560 (14.22) BACKLIT
0.040
(1.02)
0.325
(8.26)
0.290
(7.37)
PIN 1
CALIBRATION POTENTIOMETER HOLE LOCATION
0.040
(1.02)
0.125 (3.175) DIAMETER
(USE ONLY WHEN PC BOARD MOUNTING)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com