Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMS-40LCD-1/2-5-C. Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DMS-40LCD-1/2-5-C.
Description  4½ Digit, LCD Display Digital Panel Voltmeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-40LCD-1/2-5-C. Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DMS-40LCD-1/2-5-C. Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-40LCD-1/2-5-C. Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
DMS-40LCD Series
4½ Digit, LCD Display Digital Panel Voltmeters
MPM_DMS40LCD.D01 Page 1 of 6
Offering a unique combination of low cost, scientific-grade accuracy (±2 counts),
component-like convenience and outstanding reliability, DMS-40LCD Series 4½ Digit DPM’s
provide the ultimate combination of price, precision and convenience. These miniature
(2.17˝ x 0.92˝ x 0.43˝) digital voltmeters combine an advanced, autozeroing A/D converter,
a precision reference circuit and a large (0.4˝/10.2mm high), easy-to-read LCD display in a
single, fully encapsulated, 12-pin DIP package. All models incorporate a built-in bezel and
are easily mounted in either panels or pc boards.
Each DMS-40LCD meter has a dual-range, differential, input configuration
(±200mV/±2V, ±2V/±20V or ±20V/±200V) and is available with a backlit or non-backlit
display. Input impedance is a minimum 800kΩ, and CMRR is typically 86dB (dc to 60Hz).
CMV is ±2V, and all models are overvoltage protected to ±250V (on their non-inverting
inputs).
All DMS-40LCD meters are fully functional and operate from a single +5V supply (draw-
ing 3.5mA max.) or a single 9V supply/battery (drawing 2.5mA max.). All models feature
autopolarity changeover and overrange indication. A display HOLD function is standard on
all non-backlit models.
Thanks to their rugged epoxy-based encapsulation and their advanced, factory-cal-
ibrated A/D converters, DMS-40LCD meters are able to withstand the harshest environ-
ments and never require adjustment or calibration. Plug-in convenience, long-term stability
and wide operating temperature range (0 to +50°C) make DMS-40LCD meters the right
solution for any high-accuracy DPM requirement.
FEATURES
 Scientific-grade accuracy, ±2 counts
 Low power, typically 12.5mW
 Miniature size:
2.17" x 0.92" x 0.43" (55mm x 23mm x 11mm)
 Large (0.4”/10.2mm), enhanced-contrast, LCD display
 Backlit displays optional
 Epoxy-encapsulated, 12-pin DIP
 Panel or pc-board mountable
 3 differential, dual, input voltage ranges
 Single +5V supply or 9V battery
 User-selectable decimal point placement
 Low-battery "BAT" annunciator
 0 to +50°C temperature range
 Low Cost
SIMPLIFIED SCHEMATIC DIAGRAM
(+) INPUT HI
ANALOG
(–) INPUT LO
COMMON
REFERENCE
IN/OUT
R1
DP 1
DP 2
DP 3
6
5
4
+5V SUPPLY/
+BATTERY
9
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
5V RETURN/
+5V
–BATTERY
–5V
+5V
R2
REF.
1.23V
DATA
≈+2.2V
V+
V–
A/D
CONVERTER
0 Vdc
0.01µF
J1
BA
BAT
T
HOLD/
BACKLIGHT
DC/DC converter is not used on 9V-powered models,
J1 is connected.
R1 = 100k on ±200mV/±2V (-0/1) models and 909k on all other models.
R2 is not used on ±200mV/±2V (-0/1) models.
R2 = 101k on ±2V/±20V (-1/2) models and 9.2k on ±20V/±200V (-2/3) models.
RANGE
DP 4
SELECT
Hold function is not available on backlit models.


Similar Part No. - DMS-40LCD-1/2-5-C.

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40LCD-4 MURATA-PS-DMS-40LCD-4 Datasheet
234Kb / 5P
Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
DMS-40LCD-4-20S MURATA-PS-DMS-40LCD-4-20S Datasheet
203Kb / 5P
Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
DMS-40LCD-4/20S MURATA-PS-DMS-40LCD-4/20S Datasheet
234Kb / 5P
Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
DMS-40LCD-4/20S MURATA-PS-DMS-40LCD-4/20S Datasheet
203Kb / 5P
Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
DMS-40LCD-4/20S-C MURATA-PS-DMS-40LCD-4/20S-C Datasheet
203Kb / 5P
Ultra-Low 2.9V Loop-Drop 4½ Digit LCD Display Process Monitor
2015
More results

Similar Description - DMS-40LCD-1/2-5-C.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-3019X ETC-DMS-3019X Datasheet
121Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com