Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 19Page - Texas Instruments INA302A2IPWR Datasheet HTML 20Page - Texas Instruments INA302A2IPWR Datasheet HTML 21Page - Texas Instruments INA302A2IPWR Datasheet HTML 22Page - Texas Instruments INA302A2IPWR Datasheet HTML 23Page - Texas Instruments INA302A2IPWR Datasheet HTML 24Page - Texas Instruments INA302A2IPWR Datasheet HTML 25Page - Texas Instruments INA302A2IPWR Datasheet HTML 26Page - Texas Instruments INA302A2IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Selecting a Current-Sensing Resistor (RSENSE)
Selecting the value of this current-sensing resistor is based primarily on two factors: the required accuracy of the
current measurement and the allowable power dissipation across the current-sensing resistor. Larger voltages
developed across this resistor allow for more accurate measurements to be made. Amplifiers have fixed internal
errors that are largely dominated by the inherent input offset voltage. When the input signal decreases, these
fixed internal amplifier errors become a larger portion of the measurement and increase the uncertainty in the
measurement accuracy. When the input signal increases, the measurement uncertainty is reduced because the
fixed errors are a smaller percentage of the signal being measured. Therefore, the use of larger-value, current-
sensing resistors inherently improves measurement accuracy.
However, a system design trade-off must be evaluated through the use of larger input signals for improving
measurement accuracy. Increasing the current-sense resistor value results in an increase in power dissipation
across the current-sensing resistor. Increasing the value of the current-shunt resistor increases the differential
voltage developed across the resistor when current passes through the component. This increase in voltage
across the resistor increases the power that the resistor must be able to dissipate. Decreasing the value of the
current-shunt resistor value reduces the power dissipation requirements of the resistor, but increases the
measurement errors resulting from the decreased input signal. Selecting the optimal value for the shunt resistor
requires factoring both the accuracy requirement for the specific application and the allowable power dissipation
of this component.
An increasing number of very low ohmic-value resistors are becoming more widely available with values reaching
down to 200 µΩ or lower, with power dissipations of up to 5 W that enable large currents to be accurately
monitored with sensing resistors.
8.1.1.1 Selecting a Current-Sensing Resistor: Example
In this example, the trade-offs involved in selecting a current-sensing resistor are discussed. This example
requires 2.5% accuracy for detecting a 10-A overcurrent event where only 250 mW is allowed for the dissipation
across the current-sensing resistor at the full-scale current level. Although the maximum power dissipation is
defined as 250 mW, a lower dissipation is preferred to improve system efficiency. Some initial assumptions are
made that are used in this example: the limit-setting resistor (RLIMIT) is a 1% component, and the maximum
tolerance specification for the internal threshold setting current source (1%) is used. Given the total error budget
of 2.5%, up to 0.5% of error can be attributed to the measurement error of the device under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com