Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR Datasheet(PDF) 28 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 24Page - Texas Instruments INA302A2IPWR Datasheet HTML 25Page - Texas Instruments INA302A2IPWR Datasheet HTML 26Page - Texas Instruments INA302A2IPWR Datasheet HTML 27Page - Texas Instruments INA302A2IPWR Datasheet HTML 28Page - Texas Instruments INA302A2IPWR Datasheet HTML 29Page - Texas Instruments INA302A2IPWR Datasheet HTML 30Page - Texas Instruments INA302A2IPWR Datasheet HTML 31Page - Texas Instruments INA302A2IPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
GND
OUT
ALERT2
IN+
IN-
LOAD
Power Supply
0 V to 36 V
+
Gain = 20,
50, 100
LATCH1
RLIMIT2
LIMIT2
ALERT1
VS
2.7 V to 5.5 V
RPULL-UP2
+
+
DELAY
CDELAY
RLIMIT1
LIMIT1
LATCH2
Reference
Voltage
REF
RPULL-UP1
ILIMIT1
ILIMIT2
CBYPASS
0.1 PF
10 k:
10 k:
RPROTECT
< 10 :
RSENSE
28
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
8.1.3 Using the INA30x With Common-Mode Transients Greater Than 36 V
With a small amount of additional circuitry, these devices can be used in circuits subject to transients higher than
36 V. Use only zener diodes or zener-type transient absorbers (sometimes referred to as transzorbs). Any other
type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors as a working
impedance for the zener diode, as shown in Figure 51. Keep these resistors as small as possible, preferably 10
Ω or less. Larger values can be used with an additional induced error resulting from a reduced signal that
actually reaches the device input pins. Many applications are satisfied with a 10-
Ω resistor along with
conventional zener diodes of the lowest power rating available because this circuit limits only short-term
transients. This combination uses the least amount of board space. These diodes can be found in packages as
small as SOT-523 or SOD-523.
Figure 51. Transient Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com