Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR Datasheet(PDF) 31 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 27Page - Texas Instruments INA302A2IPWR Datasheet HTML 28Page - Texas Instruments INA302A2IPWR Datasheet HTML 29Page - Texas Instruments INA302A2IPWR Datasheet HTML 30Page - Texas Instruments INA302A2IPWR Datasheet HTML 31Page - Texas Instruments INA302A2IPWR Datasheet HTML 32Page - Texas Instruments INA302A2IPWR Datasheet HTML 33Page - Texas Instruments INA302A2IPWR Datasheet HTML 34Page - Texas Instruments INA302A2IPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
9 Power Supply Recommendations
The device input circuitry accurately measures signals on common-mode voltages beyond the power-supply
voltage, VS. For example, the voltage applied to the VS power-supply pin can be 5 V, whereas the load power-
supply voltage being monitored (VCM) can be as high as 36 V. At power-up, for applications where the common-
mode voltage (VCM) slew rate is greater than 6 V/μs with a final common-mode voltage greater than 20 V, the VS
supply is recommended to be present before VCM. If the use case requires VCM to be present before VS with VCM
under these same slewing conditions, then a 331-Ω resistor must be added between the VS supply and the VS
pin bypass capacitor.
Power-supply bypass capacitors are required for stability, and must be placed as close as possible to the supply
and ground pins of the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy
or high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.
During slow power-up events, current flow through the sense resistor or voltage applied to the REF pin can result
in the output voltage momentarily exceeding the voltage at the LIMITx pins, resulting in an erroneous indication
of an out-of-range event on the ALERTx output. When powering the device with a slow ramping power rail where
an input signal is already present, all alert indications should be disregarded until the supply voltage has reached
the final value.
10 Layout
10.1 Layout Guidelines
•
Apply connections to the current-sense resistor, RSENSE, on the inside of the resistor pads to avoid additional
voltage losses incurred by the high current traces to the resistor. Route the traces from the current-sense
resistor symmetrically and side-by-side back to the input of the INA to minimize common-mode errors and
noise pickup.
•
Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added to
compensate for noisy or high-impedance power supplies.
•
Make the connection of RLIMIT to the ground pin as direct as possible to limit additional capacitance on this
node. Routing this connection must be limited to the same plane if possible to avoid vias to internal planes. If
the routing can not be made on the same plane and must pass through vias, make sure that a path is routed
from RLIMIT back to the ground pin, and that RLIMIT is not simply connected directly to a ground plane.
•
Routing to the delay capacitor must be short and direct. Keep the routing trace from the DELAY pin to the
delay capacitor away from the ALERT2 trace (or any other noisy signals) to minimize any coupling effects. If
no delay capacitor is used do not have any connection to the DELAY pin. Long trace lengths on the DELAY
pin can cause noise to couple to the device, resulting in false trips.
•
Pull up the open-drain output pins to the supply voltage rail; a 10-kΩ pullup resistor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com