Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR.B Datasheet(PDF) 20 Page - Texas Instruments

Part # INA302A2IPWR.B
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA302A2IPWR.B Datasheet HTML 16Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 17Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 18Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 19Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 20Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 21Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 22Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 23Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
VOUT
VLIMIT1
VLIMIT2 - VHYS
VLIMIT2
ALERT1
ALERT2
VLIMIT1 - VHYS
Critical Threshold
Warning Threshold
VOUT
VLIMIT1
VLIMIT2 + VHYS
VLIMIT2
ALERT1
ALERT2
VLIMIT1 - VHYS
Overcurrent Threshold
Undercurrent
Threshold
SOURCE
TRIP
SENSE
REF
V
I
R
GAIN
V
u
u
20
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.3.1.2
Voltage-Source-Controlled Current Limit
The second method for setting the out-of-range threshold is to directly drive the LIMITx pins with a programmable
DAC or other external voltage source. The benefit of this method is the ability to adjust the current-limit threshold
to account for different threshold voltages used for different system operating conditions. For example, this
method can be used in a system with one current-limit threshold level that must be monitored during a power-up
sequence, but different threshold levels must be monitored during other system operating modes.
The voltage applied at the LIMITx pins sets the threshold voltage for out-of-range detection. The value of the
voltage for a given desired current trip point is calculated using Equation 4:
where
•
ITRIP is the desired out-of-range current threshold.
•
RSENSE is the current-sensing resistor.
•
GAIN is the gain option of the device selected.
•
VREF is the voltage applied to the REF pin.
(4)
NOTE
The maximum voltage that can be applied to the LIMIT2 pin is VS – 0.6 V and the
maximum voltage that can be applied to the LIMIT1 pin must not exceed VS.
7.3.3.2 Hysteresis
The hysteresis included in the comparators of the INA30x reduces the possibility of oscillations in the alert
outputs when the measured signal level is near the overlimit threshold level. For overrange events, the
corresponding ALERTx pin is asserted when the output voltage (VOUT) exceeds the threshold set at either LIMITx
pin. The output voltage must drop to less than the LIMITx pin threshold voltage by the hysteresis value in order
for the ALERTx pin to deassert and return to the nominal high state. Likewise for underrange events, the
corresponding ALERTx pin is also pulled low when the output voltage drops to less than the threshold set by
either LIMITx pin. The ALERTx pin is released when the output voltage of the current-sense amplifier rises to
greater than the set threshold plus hysteresis. Hysteresis functionality for both overrange and underrange events
is shown in Figure 45 and Figure 46 for the INA302 and INA303, respectively.
Figure 45. Comparator Hysteresis Behavior (INA302)
Figure 46. Comparator Hysteresis Behavior (INA303)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com