Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # INA302A2IPWR.B
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA302A2IPWR.B Datasheet HTML 2Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 3Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 4Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 5Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 6Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 7Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 8Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 9Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VSENSE = 0 V, VREF = VS / 2, VS = 5 V, VIN+ = 12 V, VLIMIT1 = 3 V, and VLIMIT2 = 3 V (INA302) or 2 V (INA303)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMPARATOR
tp
Total alert propagation delay
Comparator 1, input overdrive = 1 mV
0.6
1
µs
Comparator 2, input overdrive = 1 mV,
delay = 100 kΩ to VS
1.25
2
Slew-rate-limited tp
Comparator 1, VOUT step = 0.5 V to 4.5 V,
VLIMIT = 4 V
1
1.5
µs
Comparator 2 (INA302),
VOUT step = 0.5 V to 4.5 V, VLIMIT = 4 V,
delay = 100 kΩ to VS
1.5
2.5
Comparator 2 (INA303),
VOUT step = 4.5 V to 0.5 V, VLIMIT = 1 V,
delay = 100 kΩ to VS
1.5
2.5
ILIMIT1
Limit threshold output current,
comparator 1
TA = 25ºC, VLIMIT1 < VS – 0.6 V
79.2
80
80.8
µA
TA = –40ºC to +125ºC,
VLIMIT1 < VS – 0.6 V
78.4
81.6
ILIMIT2
Limit threshold output current,
comparator 2
TA = 25ºC, VLIMIT2 < VS – 0.6 V
79.7
80
80.4
µA
TA = –40ºC to +125ºC,
VLIMIT2 < VS – 0.6 V
79.2
80.8
VOS
Offset voltage, both comparators
A1 versions
0.5
3.5
mV
A2 versions
0.5
3.5
A3 versions
0.5
4.0
HYS
Hysteresis
comparator 1, comparator 2
100
mV
Internal programmable delay error
TA = –40ºC to +125ºC
4%
VTH
Delay threshold voltage
TA = –40ºC to +125ºC
1.21
1.22
1.23
V
ID
Delay charging current
TA = –40ºC to +125ºC, VDELAY = 0.6 V
4.85
5
5.15
µA
RD
Delay discharge resistance
70
Ω
VIH
LATCH1, LATCH2 high-level input
voltage
TA = –40ºC to +125ºC
1.4
6
V
VIL
LATCH1, LATCH2 low-level input voltage
TA = –40ºC to +125ºC
0
0.4
V
VOL
Alert low-level output voltage
IOL = 3 mA, TA = –40ºC to +125ºC
70
400
mV
ALERT1, ALERT2 pin leakage input
current
VOH = 3.3 V
0.1
1
µA
LATCH1, LATCH2 digital leakage input
current
0 V
≤ VLATCH1 , VLATCH2 ≤ VS
1
µA
POWER SUPPLY
IQ
Quiescent current
TA = 25ºC
850
950
µA
TA = –40ºC to +125ºC
1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com