Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA302A2IPWR.B Datasheet(PDF) 8 Page - Texas Instruments

Part # INA302A2IPWR.B
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA302A2IPWR.B Datasheet HTML 4Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 5Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 6Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 7Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 8Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 9Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 10Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 11Page - Texas Instruments INA302A2IPWR.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Gain Error (%)
Gain Error (%)
Gain Error (%)
Frequency (Hz)
10
100
1000
10000
100000
1000000
40
60
80
100
120
140
D009
INA30xA1
INA30xA2
INA30xA3
Common-Mode Rejection Ratio (PV/V)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
D008
INA30xA1
INA30xA2
INA30xA3
8
INA302, INA303
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
www.ti.com
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VREF = VS / 2, VSENSE = 0 V, VS = 5 V, VIN+ = 12 V, and ALERT1, ALERT2 pullup resistors = 10 kΩ (unless
otherwise noted)
Figure 7. CMRR Distribution (INA30xA3)
Figure 8. CMRR vs Temperature
Figure 9. CMRR vs Frequency
Figure 10. Gain Error Distribution (INA30xA1)
Figure 11. Gain Error Distribution (INA30xA2)
Figure 12. Gain Error Distribution (INA30xA3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com