Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 2Page - STMicroelectronics L6206_V01 Datasheet HTML 3Page - STMicroelectronics L6206_V01 Datasheet HTML 4Page - STMicroelectronics L6206_V01 Datasheet HTML 5Page - STMicroelectronics L6206_V01 Datasheet HTML 6Page - STMicroelectronics L6206_V01 Datasheet HTML 7Page - STMicroelectronics L6206_V01 Datasheet HTML 8Page - STMicroelectronics L6206_V01 Datasheet HTML 9Page - STMicroelectronics L6206_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Pin connections
L6206
6/29
DocID07617 Rev 4
3
Pin connections
Figure 2. Pin connections (top view)
1. The slug is internally connected to pins 1, 18, 19 and 36 (GND pins).
SO24
PowerSO36(1)
GND
GND
OUT1B
OCDB
SENSEB
IN2B
IN1B
1
3
2
4
5
6
7
8
9
PROGCLB
VBOOT
ENB
OUT2B
VSB
GND
GND
19
18
17
16
15
13
14
D99IN1089A
10
11
12
24
23
22
21
20
IN1A
IN2A
SENSEA
OCDA
OUT1A
VSA
OUT2A
VCP
ENA
PROGCLA
GND
N.C.
N.C.
VSA
OCDA
OUT1A
N.C.
N.C.
N.C.
N.C.
N.C.
OUT1B
OCDB
N.C.
VSB
N.C.
N.C.
GND
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
GND
GND
D99IN1090A
IN1A
SENSEA
IN2A
SENSEB
IN2B
IN1B
9
8
7
28
29
30
PROGCLA
PROGCLB
10
27
OUT2A
ENA
VCP
ENB
OUT2B
VBOOT
14
12
11
23
25
26
N.C.
N.C.
13
24
Table 4. Pin description
Package
Name
Type
Function
SO24
PowerSO36
Pin no.
Pin no.
110
IN1A
Logic input
Bridge A logic input 1.
211
IN2A
Logic input
Bridge A logic input 2.
3
12
SENSEA
Power supply
Bridge A source pin. This pin must be connected
to power ground directly or through a sensing
power resistor.
413
OCDA
Open drain
output
Bridge A overcurrent detection and thermal
protection pin. An internal open drain transistor
pulls to GND when overcurrent on bridge A is
detected or in case of thermal protection.
515
OUT1A
Power output
Bridge A output 1.
6, 7, 18, 19
1, 18, 19, 36
GND
GND
Signal ground terminals. In SO packages, these
pins are also used for heat dissipation toward the
PCB.
822
OUT1B
Power output
Bridge B output 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com