Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6206 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 18Page - STMicroelectronics L6206_V01 Datasheet HTML 19Page - STMicroelectronics L6206_V01 Datasheet HTML 20Page - STMicroelectronics L6206_V01 Datasheet HTML 21Page - STMicroelectronics L6206_V01 Datasheet HTML 22Page - STMicroelectronics L6206_V01 Datasheet HTML 23Page - STMicroelectronics L6206_V01 Datasheet HTML 24Page - STMicroelectronics L6206_V01 Datasheet HTML 25Page - STMicroelectronics L6206_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
L6206
22/29
DocID07617 Rev 4
6.3
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be delivered by the device in a safe operating condition. Therefore, it has to
be taken into account very carefully. Besides the available space on the PCB, the right
package should be chosen considering the power dissipation. Heatsinking can be achieved
using copper on the PCB with proper area and thickness. Figure 21 and 22 show the
junction to ambient thermal resistance values for the PowerSO36 and SO24 packages.
For instance, using a PowerSO package with a copper slug soldered on a 1.5 mm copper
thickness FR4 board with a 6 cm2 dissipating footprint (copper thickness of 35 µm), the
Rth j-amb is about 35 °C/W. Figure 20 shows mounting methods for this package. Using
a multilayer board with vias to a ground plane, thermal impedance can be reduced down
to 15 °C/W.
Figure 20. Mounting the PowerSO package
Figure 21. PowerSO36 junction ambient thermal resistance versus on-board copper
area
Slug soldered
to PCB with
dissipating area
Slug soldered
to PCB with
dissipating area
plus ground layer
Slug soldered to PCB with
dissipating area plus ground layer
contacted through via holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com