Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6206 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6206_V01 Datasheet HTML 12Page - STMicroelectronics L6206_V01 Datasheet HTML 13Page - STMicroelectronics L6206_V01 Datasheet HTML 14Page - STMicroelectronics L6206_V01 Datasheet HTML 15Page - STMicroelectronics L6206_V01 Datasheet HTML 16Page - STMicroelectronics L6206_V01 Datasheet HTML 17Page - STMicroelectronics L6206_V01 Datasheet HTML 18Page - STMicroelectronics L6206_V01 Datasheet HTML 19Page - STMicroelectronics L6206_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Circuit description
L6206
16/29
DocID07617 Rev 4
Figure 12. tDISABLE versus CEN and REN (VDD = 5 V)
Figure 13. tDELAY versus CEN (VDD = 5 V)
5.4
Thermal protection
In addition to the overcurrent detection, the L6206 device integrates a thermal protection for
preventing the device destruction in case of junction overtemperature. It works sensing the
die temperature by means of a sensible element integrated in the die. The device switches-
off when the junction temperature reaches 165 °C (typ. value) with 15 °C hysteresis (typ.
value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com