Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6002IDWPR.A Datasheet(PDF) 24 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS6002IDWPR.A Datasheet HTML 20Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 21Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 22Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 23Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 24Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 25Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 26Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 27Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t − Time − ns
VCC = ±15 V
Gain = 5
RL = 150 Ω
RF = 2 kΩ
tr/tf= 5 ns
See Figure 4
RECEIVER OUTPUT
20 V STEP RESPONSE
4
−4
0
−8
12
8
0
150
100
50
200
250
350
300
400
450 500
16
−12
−16
Figure 51
APPLICATION INFORMATION
The THS6002 contains four independent operational amplifiers. Two are designated as drivers because of their
high output current capability, and two are designated as receivers. The receiver amplifiers are current feedback
topology amplifiers made for high-speed operation and are capable of driving output loads of at least 80 mA.
The drivers are also current feedback topology amplifiers. However, the drivers have been specifically designed
to deliver the full power requirements of ADSL and therefore can deliver output currents of at least 400 mA at
full output voltage.
The THS6002 is fabricated using Texas Instruments 30-V complementary bipolar process, HVBiCOM. This
process provides excellent isolation and high slew rates that result in the device’s excellent crosstalk and
extremely low distortion.
independent power supplies
Each amplifier of the THS6002 has its own power supply pins. This was specifically done to solve a problem
that often occurs when multiple devices in the same package share common power pins. This problem is
crosstalk between the individual devices caused by currents flowing in common connections. Whenever the
current required by one device flows through a common connection shared with another device, this current,
in conjunction with the impedance in the shared line, produces an unwanted voltage on the power supply. Proper
power supply decoupling and good device power supply rejection helps to reduce this unwanted signal. What
is left is crosstalk.
However, with independent power supply pins for each device, the effects of crosstalk through common
impedance in the power supplies is more easily managed. This is because it is much easier to achieve low
common impedance on the PCB with copper etch than it is to achieve low impedance within the package with
either bond wires or metal traces on silicon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com