Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6002IDWPR.A Datasheet(PDF) 28 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS6002IDWPR.A Datasheet HTML 24Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 25Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 26Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 27Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 28Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 29Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 30Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 31Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure
Noise can cause errors on very small signals. This is especially true for the receiver amplifiers which are
generally used for amplifying small signals coming over a transmission line. The noise model for current
feedback amplifiers (CFB) is the same as voltage feedback amplifiers (VFB). The only difference between the
two is that the CFB amplifiers generally specify different current noise parameters for each input while VFB
amplifiers usually only specify one noise current parameter. The noise model is shown in Figure 54. This model
includes all of the noise sources as follows:
• e
n = amplifier internal voltage noise (nV/√Hz)
• IN+ = noninverting current noise (pA/√Hz)
• IN− = inverting current noise (pA/√Hz)
• e
Rx = thermal voltage noise associated with each resistor (eRx = 4 kTRx )
_
+
RF
RS
RG
eRg
eRf
eRs
en
IN+
Noiseless
IN−
eni
eno
Figure 54. Noise Model
The total equivalent input noise density (eni) is calculated by using the following equation:
e
ni +
en
2
) IN )
R
S
2
) IN–
R
F ø
R
G
2
) 4kTRs ) 4kT RF ø RG
Where:
k = Boltzmann’s constant = 1.380658
× 10−23
T = temperature in degrees Kelvin (273 +
°C)
RF || RG = parallel resistance of RF and RG
To get the equivalent output noise of the amplifier, just multiply the equivalent input noise density (eni) by the
overall amplifier gain (AV).
eno + eni AV + eni 1 )
R
F
R
G
(Noninverting Case)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com