Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6002IDWPR.A Datasheet(PDF) 9 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6002IDWPR.A Datasheet HTML 5Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 6Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 7Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 8Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 9Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 10Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 11Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 12Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply current
Driver and Receiver
vs Supply voltage
5
Input voltage noise
Driver and Receiver
vs Frequency
6
Input current noise
Driver and Receiver
vs Frequency
6
Closed-loop output impedance
Driver and Receiver
vs Frequency
7
Peak-to-peak output voltage swing
Driver
vs Supply voltage
8
Peak-to-peak output voltage swing
Receiver
vs Supply voltage
31
Peak-to-peak output voltage
Driver
vs Load resistance
9
Peak-to-peak output voltage
Receiver
vs Load resistance
32
VIO
Input offset voltage
Driver
vs Free-air temperature
10
VIO
Input offset voltage
Receiver
vs Free-air temperature
33
IIB
Input bias current
Driver
vs Free-air temperature
11
IIB
Input bias current
Receiver
vs Free-air temperature
34
CMMR
Common-mode rejection ratio
Driver
vs Free-air temperature
12
CMMR
Common-mode rejection ratio
Receiver
vs Free-air temperature
35
Input-to-output crosstalk
Driver
vs Frequency
13
Input-to-output crosstalk
Receiver
vs Frequency
36
Driver-to-receiver crosstalk
vs Frequency
14
Receiver-to-driver crosstalk
vs Frequency
37
PSSR
Power supply rejection ratio
Driver
vs Free-air temperature
15
PSSR
Power supply rejection ratio
Receiver
vs Free-air temperature
38
ICC
Supply current
Driver
vs Free-air temperature
16
ICC
Supply current
Receiver
vs Free-air temperature
39
Normalized frequency response
Driver
vs Frequency
17, 18
Normalized frequency response
Receiver
vs Frequency
40, 41
Normalized output response
Driver
vs Frequency
19 − 22
Single-ended output distortion
Driver
vs Output voltage
23
Output distortion
Receiver
vs Output voltage
42
Small and large signal frequency response
Receiver
43, 44
Driver
DC input offset voltage
24, 25
Differential gain
Driver
Number of 150-
Ω loads
26, 27
Differential gain
Receiver
DC input offset voltage
45, 46
Receiver
Number of 150-
Ω loads
47, 48
Driver
DC input offset voltage
24, 25
Differential phase
Driver
Number of 150-
Ω loads
26, 27
Differential phase
Receiver
DC input offset voltage
45, 46
Receiver
Number of 150-
Ω loads
47, 48
Output step response
Driver
28 − 30
Output step response
Receiver
49 − 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com