Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPC3430 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLPC3430
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3430 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3430 Datasheet HTML 1Page - Texas Instruments DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DC Supplies
BAT
1.1 V
WVGA
DDR DMD
DLP2010
(WVGA
DMD)
Included in DLP® Chip Set
1.8 V
2.3 to 5.5 V
Projector Module Electronics
DLPA2000
PARKZ
1.1 V
1.8 V
VCORE
VIO
Illumination
Optics
3
BIAS, RST, OFS
Thermistor
Parallel I/F
VCC_INTF
EEPROM
DLPC3430/
DLPC3435
VCC_FLSH
SPI_1
I2C_1
1.8 V
Other
Supplies
1.1 V
Reg
Cal data
(optional)
FLASH,
SDRAM
Keypad
Front-End
Chip
- OSD
- AutoLock
- Scaler
-MicroController
HDMI
Receiver
Triple
ADC
Charger
DC_IN
VDD
On/Off
HDMI
VGA
SD Card
Reader, and
so forth
(optional)
FLASH
L1
Spare R/W
GPIO
TVP5151
Video
Decoder
BT.656
Keystone
Sensor
GPIO_8 (Normal Park)
1.8 V
VSPI
SPI_0
eDRAM
L2
L3
GND
CVBS
RESETZ
INTZ
LED_SEL(2)
CMP_PWM
VLED
WPC
LABB
4
4
PROJ_ON
PROJ_ON
1.8 V
SYSPWR
RED
GREEN
BLUE
Sub-LVDS DATA
CTRL
I2C
28
HOST_IRQ
Current
Sense
18
CMP_OUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
DLPA2000 Power Management and LED/Lamp Driver IC
1
1 Features
1
High Efficiency RGB LED/Lamp Driver with Buck-
Boost DC-to-DC Converter, DMD Supplies, DPP
Core Supply, 1.8-V Load Switch, and
Measurement System in a Small Chip-Scale
Package
Three Low-Impedance (30 mΩ Typical at 27°C)
MOSFET Switches for Channel Selection
Independent, 10-Bit Current Control per Channel
750-mA Max LED Current for DLPA2000
Embedded Applications
On-Chip Motor Driver
DMD Regulators
Requires Only a Single Inductor
VOFS: 10 V
VBIAS: 18 V
VRST: –14 V
Passive Discharge to GND When Disabled
DPP 1.1-V Core Supply
Synchronous Step-Down Converter with
Integrated Switching FETs
Supports up to 600-mA Output Current
VLED Buck Boost Converter
Power Save Mode at Light Load Current
Low-Impedance Load Switch
VIN Range from 1.8 V to 3.6 V
Supports up to 200 mA of Current
Passive Discharge to GND When Disabled
DMD Reset Signal Generation and Power Supply
Sequencing
33-MHz Serial Peripheral Interface (SPI)
Multiplexer for Measuring Analog Signals
Battery Voltage
LED Voltage, LED Current
Light Sensor (for White Point Correction)
Internal Reference Voltage
External (Thermistor) Temperature Sensor
Monitoring and Protection Circuits
Hot Die Warning and Thermal
Low-Battery Warning
Programmable Battery Undervoltage Lockout
(UVLO)
Load Switch UVLO
Overcurrent and Undervoltage Protection
DLPA2000 DSBGA Package
56-Ball 0.4-mm Pitch
Die Size: 3.280 mm × 3.484 mm ± 0.03 mm
2 Applications
DLP™ Display Projector
DLP™ Mobile Sensing
3 Description
The DLPA2000 is a dedicated PMIC/RGB LED/lamp
driver for the DLP2010 and DLP2010NIR digital
micromirror
devices
(DMD)
when
used
with
a
DLPC3430,
DLPC3435,
or
DLPC150
digital
controller. For reliable operation of these chipsets, it
is mandatory to use the DLPA2000.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPA2000
DSBGA (56)
3.28 mm × 3.48 mm ± 0.03
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Simplified Schematic


Similar Part No. - DLPC3430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3430 TI1-DLPC3430 Datasheet
1Mb / 59P
Display Controller
DLPC3430 TI1-DLPC3430 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLPC3430CZVBR TI1-DLPC3430CZVBR Datasheet
1Mb / 59P
Display Controller
DLPC3430ZVBR TI1-DLPC3430ZVBR Datasheet
1Mb / 59P
Display Controller
More results

Similar Description - DLPC3430

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
Power Management IC Series for Automotive Body Control LED Driver
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
Power Management and LED/Lamp Driver IC
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
Power Management and LED/Lamp Driver IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
Power Management and LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com