Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD13385F5.Z Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD13385F5.Z
Description  CSD13385F5 12-V N-Channel FemtoFET™ MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13385F5.Z Datasheet(HTML) 4 Page - Texas Instruments

  CSD13385F5.Z Datasheet HTML 1Page - Texas Instruments CSD13385F5.Z Datasheet HTML 2Page - Texas Instruments CSD13385F5.Z Datasheet HTML 3Page - Texas Instruments CSD13385F5.Z Datasheet HTML 4Page - Texas Instruments CSD13385F5.Z Datasheet HTML 5Page - Texas Instruments CSD13385F5.Z Datasheet HTML 6Page - Texas Instruments CSD13385F5.Z Datasheet HTML 7Page - Texas Instruments CSD13385F5.Z Datasheet HTML 8Page - Texas Instruments CSD13385F5.Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
20
D002
VGS = 1.8 V
VGS = 2.5 V
VGS = 4.5 V
Figure 5-1. Saturation Characteristics
VGS - Gate-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
7
8
9
10
D003
TC = 125°C
TC = 25°C
TC = -55°C
VDS = 5 V
Figure 5-2. Transfer Characteristics
Figure 5-3. Transient Thermal Impedance
Qg - Gate Charge (nC)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
ID = 0.9 A VDS = 6 V
Figure 5-4. Gate Charge
VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
Figure 5-5. Capacitance
CSD13385F5
SLPS612B – OCTOBER 2016 – REVISED FEBRUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD13385F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com