Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD13385F5.Z Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD13385F5.Z
Description  CSD13385F5 12-V N-Channel FemtoFET™ MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD13385F5.Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD13385F5.Z Datasheet HTML 2Page - Texas Instruments CSD13385F5.Z Datasheet HTML 3Page - Texas Instruments CSD13385F5.Z Datasheet HTML 4Page - Texas Instruments CSD13385F5.Z Datasheet HTML 5Page - Texas Instruments CSD13385F5.Z Datasheet HTML 6Page - Texas Instruments CSD13385F5.Z Datasheet HTML 7Page - Texas Instruments CSD13385F5.Z Datasheet HTML 8Page - Texas Instruments CSD13385F5.Z Datasheet HTML 9Page - Texas Instruments CSD13385F5.Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
D012
Typical RθJA = 245°C/W
Figure 5-12. Maximum Drain Current vs Temperature
CSD13385F5
SLPS612B – OCTOBER 2016 – REVISED FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CSD13385F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com