Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP4710LCFQL.B Datasheet(PDF) 29 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 25Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 26Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 27Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 28Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 29Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 30Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 31Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 32Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
7.8 Micromirror Landed-On/Landed-Off Duty Cycle
7.8.1 Definition of Micromirror Landed-On and Landed-Off Duty Cycle
The micromirror landed-on/landed-off duty cycle (landed duty cycle) denotes the amount of time (as a
percentage) that an individual micromirror is landed in the ON state versus the amount of time the same
micromirror is landed in the OFF state.
As an example, a landed duty cycle of 75/25 indicates that the referenced pixel is in the ON state 75% of the
time (and in the OFF state 25% of the time), whereas 25/75 indicates that the pixel is in the OFF state 75% of
the time. Likewise, 50/50 indicates that the pixel is ON 50% of the time and OFF 50% of the time.
When assessing landed duty cycle, the time spent switching from the current state to the opposite state is
considered negligible and is thus ignored.
Because a micromirror can only be landed in one state or the other (ON or OFF), the two numbers (percentages)
nominally add to 100.In practice, image processing algorithms in the DLP chipset can result a total of less that
100.
7.8.2 Landed Duty Cycle and Useful Life of the DMD
Knowing the long-term average landed duty cycle (of the end product or application) is important because
subjecting all (or a portion) of the DMD’s micromirror array (also called the active array) to an asymmetric landed
duty cycle for a prolonged period of time can reduce the DMD’s usable life.
It is the symmetry or asymmetry of the landed duty cycle that is relevant. The symmetry of the landed duty cycle
is determined by how close the two numbers (percentages) are to being equal. For example, a landed duty cycle
of 50/50 is perfectly symmetrical whereas a landed duty cycle of 100/0 or 0/100 is perfectly asymmetrical.
7.8.3 Landed Duty Cycle and Operational DMD Temperature
Operational DMD temperature and landed duty cycle interact to affect the usable life of the DMD. This interaction
can be used to reduce the impact that an asymmetrical landed duty cycle has on the useable life of the DMD.
Figure 6-1 describes this relationship. The importance of this curve is that:
• All points along this curve represent the same usable life.
• All points above this curve represent lower usable life (and the further away from the curve, the lower the
usable life).
• All points below this curve represent higher usable life (and the further away from the curve, the higher the
usable life).
In practice, this curve specifies the maximum operating DMD temperature that the DMD should be operated at
for a give long-term average landed duty cycle.
7.8.4 Estimating the Long-Term Average Landed Duty Cycle of a Product or Application
During a given period of time, the landed duty cycle of a given pixel depends on the image content being
displayed by that pixel.
In the simplest case for example, when the system displays pure-white on a given pixel for a given time period,
that pixel operates very close to a 100/0 landed duty cycle during that time period. Likewise, when the system
displays pure-black, the pixel operates very close to a 0/100 landed duty cycle.
Between the two extremes (ignoring for the moment color and any image processing that may be applied to an
incoming image), the landed duty cycle tracks one-to-one with the gray scale value, as shown in Table 7-1.
Table 7-1. Grayscale
Value and Landed Duty
Cycle
Grayscale
Value
Nominal
Landed Duty
Cycle
0%
0/100
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com