Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP4710LCFQL.B Datasheet(PDF) 9 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 12Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
6.2 Storage Conditions
applicable for the DMD as a component or non-operational in a system
MIN
MAX
UNIT
TDMD
DMD storage temperature
–40
85
°C
TDP-AVG
Average dew point temperature, (non-condensing)(1)
24
°C
TDP-ELR
Elevated dew point temperature range, (non-condensing)(2)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
6
Months
(1)
The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(2)
Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
6.3 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
MIN
NOM
MAX
UNIT
SUPPLY VOLTAGE RANGE(4)
VDD
Supply voltage for LVCMOS core logic
Supply voltage for LPSDR low-speed interface
1.7
1.8
1.95
V
VDDI
Supply voltage for SubLVDS receivers
1.7
1.8
1.95
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode(5)
9.5
10
10.5
V
VBIAS
Supply voltage for mirror electrode
17.5
18
18.5
V
VRESET
Supply voltage for micromirror electrode
–14.5
–14
–13.5
V
|VDDI–VDD|
Supply voltage delta (absolute value)(6)
0.3
V
|VBIAS–VOFFSET| Supply voltage delta (absolute value)(7)
10.5
V
|VBIAS–VRESET|
Supply voltage delta (absolute value)(8)
33
V
CLOCK FREQUENCY
ƒclock
Clock frequency for low speed interface LS_CLK(9)
108
120
MHz
ƒclock
Clock frequency for high speed interface DCLK(10)
300
540
MHz
Duty cycle distortion DCLK
44%
56%
SUBLVDS INTERFACE(10)
| VID |
SubLVDS input differential voltage (absolute value) Figure 6-9, Figure 6-10
150
250
350
mV
VCM
Common mode voltage Figure 6-9, Figure 6-10
700
900
1100
mV
VSUBLVDS
SubLVDS voltage Figure 6-9, Figure 6-10
575
1225
mV
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ZIN
Internal differential termination resistance Figure 6-11
80
100
120
Ω
100-Ω differential PCB trace
6.35
152.4
mm
ENVIRONMENTAL
TARRAY
Array Temperature – long-term operational(11) (12) (13) (14)
0
40 to
70(13)
°C
Array Temperature - short-term operational, 25 hr max(12) (15)
–20
-10
Array Temperature - short-term operational, 500 hr max(12) (15)
–10
0
Array Temperature – short-term operational, 500 hr max(12) (15)
70
75
|TDELTA|
Absolute Temperature difference between any point on the window edge and
the ceramic test point TP1 (16)
15
°C
www.ti.com
DLP4710LC
DLPS178C – MAY 2020 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DLP4710LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com