Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLP4710LCFQL.B Datasheet(PDF) 44 Page - Texas Instruments

Part # DLP4710LCFQL.B
Description  DLP4710LC 0.47 1080p Digital Micromirror Device
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLP4710LCFQL.B Datasheet(HTML) 44 Page - Texas Instruments

Back Button DLP4710LCFQL.B Datasheet HTML 37Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 38Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 39Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 40Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 41Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 42Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 43Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 44Page - Texas Instruments DLP4710LCFQL.B Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
VIEW F
WINDOW AND ACTIVE ARRAY
(FROM SHEET 1)
VIEW J-J
BACK SIDE METALLIZATION
(FROM SHEET 1)
DETAIL H
APERTURE BOTTOM EDGE
SCALE 60 : 1
DETAIL G
APERTURE TOP EDGE
SCALE 60 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2513652
3
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
INSTRUMENTS
Dallas Texas
TEXAS
DRAWN
2513652
3
3
E
D
B. HASKETT
2/20/2014
H
G
(10.368)
ACTIVE ARRAY
(5.832)
ACTIVE ARRAY
1.771
0.05
8.009
0.05
(9.78)
WINDOW
12.992
0.05
8
7
0.2 A B C
 0.1A
(ILLUMINATION
DIRECTION)
(1)
2
3
4
5
6
25 26 27 28 29 (30) (31)
(0.108)
4X
(A)
B
C
D
E
F
G
H
J
K
L
3.894
0.05
2.916
0.075
7.513
0.075
0.575
0.0635
6.928
0.0635
(7.503)
APERTURE
11.186
0.0635
0.683
±0.0635
(11.869) APERTURE
(16.886) WINDOW
1.5
B
(0.15) TYP.
(0.068) TYP.
(42°) TYP.
(0.068) TYP.
(0.075) TYP.
1.5
B
20.0448
27 X 0.7424 =
100X SQUARE LGA PADS
0.52±0.05 X 0.52±0.05
(
0.52)
16X CIRCULAR
TEST PADS
BACK SIDE
INDEX MARK
SYMBOLIZATION PAD
(7 X 3)
1.5
C
2.04
6.6816
=
9 X 0.7424
3.341
C
1.5
(42°) TYP.
(42°) TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com