Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BXTR Datasheet(PDF) 79 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 75Page - STMicroelectronics ISM330BXTR Datasheet HTML 76Page - STMicroelectronics ISM330BXTR Datasheet HTML 77Page - STMicroelectronics ISM330BXTR Datasheet HTML 78Page - STMicroelectronics ISM330BXTR Datasheet HTML 79Page - STMicroelectronics ISM330BXTR Datasheet HTML 80Page - STMicroelectronics ISM330BXTR Datasheet HTML 81Page - STMicroelectronics ISM330BXTR Datasheet HTML 82Page - STMicroelectronics ISM330BXTR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 150 page
background image
9.42
D6D_SRC (47h)
Portrait, landscape, face-up, and face-down source register (R)
Table 121. D6D_SRC register
0
D6D_IA
XH
XL
YH
YL
ZH
ZL
Table 122. D6D_SRC register description
D6D_IA
Interrupt active for change position portrait, landscape, face-up, face-down. Default value: 0
(0: change position not detected; 1: change position detected)
XH
X-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
XL
X-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
YH
Y-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over-threshold) detected)
YL
Y-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
ZH
Z-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
ZL
Z-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
ISM330BX
Register description
DS14588 - Rev 2
page 79/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com