Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BXTR Datasheet(PDF) 82 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 78Page - STMicroelectronics ISM330BXTR Datasheet HTML 79Page - STMicroelectronics ISM330BXTR Datasheet HTML 80Page - STMicroelectronics ISM330BXTR Datasheet HTML 81Page - STMicroelectronics ISM330BXTR Datasheet HTML 82Page - STMicroelectronics ISM330BXTR Datasheet HTML 83Page - STMicroelectronics ISM330BXTR Datasheet HTML 84Page - STMicroelectronics ISM330BXTR Datasheet HTML 85Page - STMicroelectronics ISM330BXTR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 150 page
background image
9.47
FUNCTIONS_ENABLE (50h)
Enable interrupt functions register (R/W)
Table 132. FUNCTIONS_ENABLE register
INTERRUPTS
_ENABLE
TIMESTAMP
_EN
0(1)
0(1)
DIS_RST_LIR
_ALL_INT
0(1)
INACT_EN_1
INACT_EN_0
1. This bit must be set to 0 for the correct operation of the device.
Table 133. FUNCTIONS_ENABLE register description
INTERRUPTS_ENABLE
Enables basic interrupts (6D, free-fall, wake-up, tap, activity/inactivity). Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
TIMESTAMP_EN
Enables timestamp counter. The counter is readable in TIMESTAMP0 (40h), TIMESTAMP1 (41h),
TIMESTAMP2 (42h), and TIMESTAMP3 (43h). Default value: 0
(0: disabled; 1: enabled)
DIS_RST_LIR_ALL_INT
When this bit is set to 1, reading the ALL_INT_SRC (1Dh) register does not reset the latched
interrupt signals. This can be useful in order to not reset some status flags before reading the
corresponding status register. Default value: 0
(0: disabled; 1: enabled)
INACT_EN_[1:0]
Enables activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, accelerometer and gyroscope configuration do not
change;
01: sets accelerometer to low-power mode 1 with accelerometer ODR selected through the
XL_INACT_ODR_[1:0] bits of the INACTIVITY_DUR (54h) register, gyroscope configuration does
not change;
10: sets accelerometer to low-power mode 1 with accelerometer ODR selected through the
XL_INACT_ODR_[1:0] bits of the INACTIVITY_DUR (54h) register, gyroscope in sleep mode;
11: sets accelerometer to low-power mode 1 with accelerometer ODR selected through the
XL_INACT_ODR_[1:0] bits of the INACTIVITY_DUR (54h) register, gyroscope in power-down
mode)
ISM330BX
Register description
DS14588 - Rev 2
page 82/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com