Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISM330BXTR Datasheet(PDF) 93 Page - STMicroelectronics

Part # ISM330BXTR
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BXTR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ISM330BXTR Datasheet HTML 89Page - STMicroelectronics ISM330BXTR Datasheet HTML 90Page - STMicroelectronics ISM330BXTR Datasheet HTML 91Page - STMicroelectronics ISM330BXTR Datasheet HTML 92Page - STMicroelectronics ISM330BXTR Datasheet HTML 93Page - STMicroelectronics ISM330BXTR Datasheet HTML 94Page - STMicroelectronics ISM330BXTR Datasheet HTML 95Page - STMicroelectronics ISM330BXTR Datasheet HTML 96Page - STMicroelectronics ISM330BXTR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 150 page
background image
9.62
TDM_CFG1 (6Dh)
TDM configuration register 1 (R/W)
Table 166. TDM_CFG1 register
TDM_XL
_X_EN
TDM_XL
_Y_EN
TDM_XL
_Z_EN
TDM_AXES_
ORD_SEL_1
TDM_AXES_
ORD_SEL_0
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 167. TDM_CFG1 register description
TDM_XL_X_EN
Enables accelerometer X-axis elaboration and transmission (acts on both UI and TDM side). Disabling the X-
axis can be done only during the initialization phase, while the accelerometer is in power-down mode and
before turning on the accelerometer. The disabling of any axis is not compatible with the free-fall, 6D, or
SFLP features and could impact the behavior and performance of the other advanced functions also.
Default value: 1
(0: disabled; 1: enabled)
TDM_XL_Y_EN
Enables accelerometer Y-axis elaboration and transmission (acts on both UI and TDM side). Disabling the Y-
axis can be done only during the initialization phase, while the accelerometer is in power-down mode and
before turning on the accelerometer. The disabling of any axis is not compatible with the free-fall, 6D, or
SFLP features and could impact the behavior and performance of the other advanced functions also.
Default value: 1
(0: disabled; 1: enabled)
TDM_XL_Z_EN
Enables accelerometer Z-axis elaboration and transmission (acts on both UI and TDM side). Disabling the Z-
axis can be done only during the initialization phase, while the accelerometer is in power-down mode and
before turning on the accelerometer. The disabling of any axis is not compatible with the free-fall, 6D, or
SFLP features and could impact the behavior and performance of the other advanced functions also.
Default value: 1
(0: disabled; 1: enabled)
TDM_AXES_ORD_SEL_[1:0] Selects the order of transmission of the TDM axes (see Table 168)
Table 168. Selection of order of transmission of TDM axes
TDM_AXES_ORD_SEL_[1:0]
Order of axes
00
Z, Y, X
01
X, Z, Y
10
X, Y, Z
9.63
TDM_CFG2 (6Eh)
TDM configuration register 2 (R/W)
Table 169. TDM_CFG2 register
0(1)
0(1)
0(1)
0(1)
TDM_
DATA_MASK
0(1)
TDM_FS
_XL_1
TDM_FS
_XL_0
1. This bit must be set to 0 for the correct operation of the device.
Table 170. TDM_CFG2 register description
TDM_DATA_MASK
TDM outputs exception code (0x8000) until data is settled. Default value: 0
(0: disabled; 1: enabled)
TDM_FS_XL_[1:0]
TDM channel accelerometer full-scale selection:
(00: ±2 g;
01: ±4 g (default);
10: ±8 g)
ISM330BX
Register description
DS14588 - Rev 2
page 93/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com